Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV4ZWD Datasheet(PDF) 2 Page - TT Electronics.

Part # OV4ZWD
Description  Optimal IV Star Series Mono-Color, Multi-LED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OV4ZWD Datasheet(HTML) 2 Page - TT Electronics.

  OV4ZWD Datasheet HTML 1Page - TT Electronics. OV4ZWD Datasheet HTML 2Page - TT Electronics. OV4ZWD Datasheet HTML 3Page - TT Electronics. OV4ZWD Datasheet HTML 4Page - TT Electronics. OV4ZWD Datasheet HTML 5Page - TT Electronics. OV4ZWD Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Issue A 11/08
Page 2 of 6
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
OPTEK’s Lednium Series Solid State Lighting products package the highest quality LED chips. Typically, the lumen output of these
can be as high as 70% after 50,000 hours of operation. This prediction is based on specific test results and on tests on similar
materials, and relies on strict observation of the design limits and ratings included in this data sheet.
Optimal IV COS Star
OV4Zxxxx Series
Absolute Maximum Ratings
Optical Characteristics (I
F = 350 mA/die , TJ = 25° C)
Notes:
1. Pulse width 1 ms maximum. Duty cycle 1/16.
2. Thermal Resistance junction to Board (Tjhs) is <2°C/W
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
VF
Forward Voltage (Amber)
7.1
8.6
10.0
V
Forward Voltage (Blue)
10.2
12.6
13.7
V
Forward Voltage (Cyan & Green)
10.0
13.1
14.1
V
Forward Voltage (Red)
7.0
8.7
10.1
V
Forward Voltage (White)
10.2
12.6
13.7
V
VF—Temperature Co-efficient (Amber & Red)
----
-6.42
----
mV/°C
VF—Temperature Co-efficient (White & Blue)
----
-4.81
----
mV/°C
VF—Temperature Co-efficient (Cyan & Green)
----
-4.95
----
mV/°C
COLOR
DOMINANT WAVELENGTH
SPECTRAL FULL-WIDTH
HALF-MAXIMUM
DOMINANT WAVELENGTH
TEMPERATURE DEPENDENCE
MIN
TYP
MAX
Amber
585
590
595
16 nm
0.07 nm/°C
Blue
455
458
460
20 nm
0.044 nm/°C
Red
620
625
630
37 nm
0.05 nm/°C
Green
530
532
535
40nm
0.04 nm/°C
Electrical Characteristics (I
F = 350 mA , TJ = 25° C)
DC Forward Current /die
700 mA
Peak Pulsed Forward Current
1
6.0 A
Reverse Voltage
5 V
Maximum Allowable Junction Temperature
2
130°C
Storage and Operating Temperature
-50°~ +100 °C
Color
Minimum CCT (°K)
Maximum CCT (°K)
Cool White
6000
8000
Daylight White
4750
6000
Warm White
2760
3800



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com