Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVLGC0C6B9. Datasheet(PDF) 1 Page - TT Electronics.

Part # OVLGC0C6B9.
Description  High-Intensity LED in Plastic T-1쩐 Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVLGC0C6B9. Datasheet(HTML) 1 Page - TT Electronics.

  OVLGC0C6B9. Datasheet HTML 1Page - TT Electronics. OVLGC0C6B9. Datasheet HTML 2Page - TT Electronics. OVLGC0C6B9. Datasheet HTML 3Page - TT Electronics. OVLGC0C6B9. Datasheet HTML 4Page - TT Electronics. OVLGC0C6B9. Datasheet HTML 5Page - TT Electronics. OVLGC0C6B9. Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
High-Intensity LED in Plastic
T-1¾ Package
OVLGx0CyB9 Series
© TT electronics plc
Issue D
08/2017
Page 1
TT Electronics | Optek Technology, Inc.
1645 Wallace Drive, Ste. 130, Carrollton, TX USA 75006 |Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Description:
Each device in the OVLG Series is a high intensity LED mounted in a clear plastic T-1¾ package. Each device incorporates an
integral molded lens that enables a narrow beam angle and provides an even emission pattern. Designed to produce light
over a wide range of drive currents, these LEDs are useful in applications that require a higher on-axis brightness than that
achievable with standard lamps.
Applications:
Indoor/outdoor applications
Variable message boards
Store front signage
Features:
Narrow beam angle
High brightness LED
Water clear plastic package
UV resistant epoxy
Part Number
Material
Emitted Color
Intensity Typ. mcd
Lens Color
OVLGB0C6B9
Blue
7,200
Clear
InGaN
OVLGC0C6B9
23,000
Blue-Green
OVLGS0C8B9
AlInGaP
14,000
Red
OVLGY0C9B9
14,000
Yellow
DO NOT LOOK DIRECTLY
AT LED WITH
UNSHIELDED EYES OR
DAMAGE TO RETINA MAY
RoHS


Similar Part No. - OVLGC0C6B9.

ManufacturerPart #DatasheetDescription
logo
Avic Technology
OVLGC0C6B9 AVICTEK-OVLGC0C6B9 Datasheet
976Kb / 4P
High-Intensity Blue-Green LED in Plastic T-1쩐 Package
logo
TT Electronics.
OVLGC0C6B9 TTELEC-OVLGC0C6B9 Datasheet
463Kb / 6P
High-Intensity LED in Plastic T-1¾ Package
10/2015
More results

Similar Description - OVLGC0C6B9.

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVLGB0CXB9 OPTEK-OVLGB0CXB9 Datasheet
974Kb / 4P
High-Intensity Blue LED in Plastic T-1쩐 Package
logo
Avic Technology
OVLGC0CXB9 AVICTEK-OVLGC0CXB9 Datasheet
976Kb / 4P
High-Intensity Blue-Green LED in Plastic T-1쩐 Package
logo
OPTEK Technologies
OVLGG0CXB9 OPTEK-OVLGG0CXB9 Datasheet
976Kb / 4P
High-Intensity Green LED in Plastic T-1쩐 Package
OVLGJ0C3B9 OPTEK-OVLGJ0C3B9 Datasheet
907Kb / 3P
High-Intensity Yellow-Green LED in Plastic T-1쩐 Package
OVLGO0CXB9 OPTEK-OVLGO0CXB9 Datasheet
972Kb / 4P
High-Intensity Orange LED in Plastic T-1쩐 Package
OVLGS0CXB9 OPTEK-OVLGS0CXB9 Datasheet
973Kb / 4P
High-Intensity Red LED in Plastic T-1쩐 Package
OVLGY0CXB9 OPTEK-OVLGY0CXB9 Datasheet
974Kb / 4P
High-Intensity Yellow LED in Plastic T-1쩐 Package
logo
TT Electronics.
OVLGG0CXB9 TTELEC-OVLGG0CXB9 Datasheet
981Kb / 4P
High-Intensity Green LED in Plastic T-1쩐 Package
OVLGJ0C3B9 TTELEC-OVLGJ0C3B9 Datasheet
987Kb / 4P
High-Intensity Yellow-Green LED in Plastic T-1쩐 Package
OVLGO0CXB9 TTELEC-OVLGO0CXB9 Datasheet
977Kb / 4P
High-Intensity Orange LED in Plastic T-1쩐 Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com