Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVLGC0C6B9. Datasheet(PDF) 2 Page - TT Electronics.

Part # OVLGC0C6B9.
Description  High-Intensity LED in Plastic T-1쩐 Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVLGC0C6B9. Datasheet(HTML) 2 Page - TT Electronics.

  OVLGC0C6B9. Datasheet HTML 1Page - TT Electronics. OVLGC0C6B9. Datasheet HTML 2Page - TT Electronics. OVLGC0C6B9. Datasheet HTML 3Page - TT Electronics. OVLGC0C6B9. Datasheet HTML 4Page - TT Electronics. OVLGC0C6B9. Datasheet HTML 5Page - TT Electronics. OVLGC0C6B9. Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
High-Intensity LED in Plastic
T-1¾ Package
OVLGx0CyB9 Series
© TT electronics plc
Issue D 08/2017
Page 2
TT Electronics | Optek Technology, Inc.
1645 Wallace Drive, Ste. 130, Carrollton, TX USA 75006 |Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Absolute Maximum Ratings (T
A = 25
o C unless otherwise noted)
Storage Temperature Range
-40 ~ +100 °C
Operating Temperature Range
-40 ~ +100 °C
Reverse Voltage
5 V
Continuous Forward Current
Blue, Blue-Green
25 mA
Red,
Yellow
50 mA
100 mA
Peak Forward Current (10% Duty Cycle, 1 kHz)
Power Dissipation
Blue, Blue-Green
100 mW
Red,
Yellow
120 mW
Current Linearity vs Ambient Temperature
Blue, Blue-Green
-0.29 mA/° C
Red,
Yellow
-0.72 mA/° C
LED Junction Temperature
125° C
Electrostatic Discharge Classification (JEDEC-JESD22-A114F)
Class 1C
Lead Soldering Temperature (3 mm from the base of the epoxy bulb)
1
260° C / 5 seconds
Electrical Characteristics (T
A = 25
o C unless otherwise noted)
SYMBOL
PARAMETER
COLOR
MIN
TYP
MAX
UNITS
CONDITIONS
IV
Luminous Intensity
Blue
4,360
7,200
----
mcd
IF = 20 mA
Blue-Green
11,970
23,000
----
Red
8,550
14,000
----
Yellow
8,550
14,000
----
VF
Forward Voltage
Blue
2.6
3.2
4.0
V
IF = 20 mA
Blue-Green
Red
1.8
2.0
2.4
Yellow
IR
Reverse Current
Blue
----
----
10
µA
VR = 5 V
Blue-Green
Red
Yellow
λD
Dominant Wavelength
Blue
460
470
475
nm
IF = 20 mA
Blue-Green
499
505
511
Red
620
623
630
Yellow
585
589
595
2Θ½H-H
50% Power Angle
Blue
----
15
----
deg
IF = 20 mA
Blue-Green
----
15
----
Red
----
8
----
Yellow
----
8
----



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com