Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U4256BM-RFS Datasheet(PDF) 11 Page - ATMEL Corporation

Part # U4256BM-RFS
Description  Frequency Synthesizer for Radio Tuning
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U4256BM-RFS Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button U4256BM-RFS Datasheet HTML 7Page - ATMEL Corporation U4256BM-RFS Datasheet HTML 8Page - ATMEL Corporation U4256BM-RFS Datasheet HTML 9Page - ATMEL Corporation U4256BM-RFS Datasheet HTML 10Page - ATMEL Corporation U4256BM-RFS Datasheet HTML 11Page - ATMEL Corporation U4256BM-RFS Datasheet HTML 12Page - ATMEL Corporation U4256BM-RFS Datasheet HTML 13Page - ATMEL Corporation U4256BM-RFS Datasheet HTML 14Page - ATMEL Corporation U4256BM-RFS Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
U4256BM-R
4562C–AUDR–08/04
Application Information
Figure 13. FMOSCIN Sensitivity
3-wire Bus
Description
The register settings of U4256BM-R are programmed by a 3-wire bus protocol. The bus
protocol consists of separate commands. A defined number of bits is transmitted
sequentially during each command.
One command is used to program all the bits of one register. The different registers
available (see table Data Transfer) are addressed by the length of the command (num-
ber of transmitted bits) and by two address bits, that are unique to each register of a
given length. 16-bit registers are programmed by 16-bit commands and 24-bit registers
are programmed by 24-bit commands.
Each bus command starts with a rising edge on the enable line (EN) and ends with a
falling edge on EN. EN has to be kept HIGH during the bus command.
The sequence of transmitted bits during one command starts with the LSB of the first
byte and ends with the MSB of the last byte of the register addressed. To transmit one
bit (0/1) DATA has to be set to the appropriate value (LOW/HIGH) and a LOW to HIGH
transition has to be performed on the clock line (CLK) while DATA is valid. The DATA is
evaluated at the rising edges of CLK. The number of LOW to HIGH transitions on CLK
during the HIGH period of EN is used to determine the length of the command.
The bus protocol and the register addressing of U4256BM-R are compatible to the
addressing used in U4255BM and T4258. That means U4256BM-R and U4255BM (or
T4258) can be operated on the same 3-wire bus as shown in the application circuit.
0
50
100
150
0
20
40
60
80
100
120
140
160
Frequency (MHz)
Vi (mV
rms on 50 Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com