Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U4256BM-RFS Datasheet(PDF) 5 Page - ATMEL Corporation

Part # U4256BM-RFS
Description  Frequency Synthesizer for Radio Tuning
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U4256BM-RFS Datasheet(HTML) 5 Page - ATMEL Corporation

  U4256BM-RFS Datasheet HTML 1Page - ATMEL Corporation U4256BM-RFS Datasheet HTML 2Page - ATMEL Corporation U4256BM-RFS Datasheet HTML 3Page - ATMEL Corporation U4256BM-RFS Datasheet HTML 4Page - ATMEL Corporation U4256BM-RFS Datasheet HTML 5Page - ATMEL Corporation U4256BM-RFS Datasheet HTML 6Page - ATMEL Corporation U4256BM-RFS Datasheet HTML 7Page - ATMEL Corporation U4256BM-RFS Datasheet HTML 8Page - ATMEL Corporation U4256BM-RFS Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
U4256BM-R
4562C–AUDR–08/04
Function of DAC1, 2 in
FM and AM Mode
(Pin 3 and Pin 4)
For automatic tuner alignment, the DAC1 and DAC2 of the U4256BM-R can be con-
trolled by setting gain of VPDO and offset values. The following figure shows the
principle of the operation. In FM Mode the gain is in the range of 0.69
× V
(PDO) to 2.16 ×
V
(PDO). The offset range is +0.56 V to -0.59 V. For alignment, DAC1 and DAC2 are con-
nected to the varicaps of the preselection filters. For alignment, offset and gain is set for
having the best tuner tracking.
Figure 6. Principle Operation for Alignment
The DAC mode can be controlled by setting the Bit 34 as following:
If Bit 34 = 1 (AM Mode), the DAC1, DAC2 can be used as standard DAC converters.
The internal voltage of 3 V is connected to the gain- and offset-input of DAC1 and DAC2
(only in AM Mode). The gain is in the range of 0.46
× 3 V to 3.03 × 3 V. The offset range
is +1.46 V to -1.49 V.
Figure 7. Internal Components at DAC1,2 Output
DAC Mode
B34
FM
0
AM
1
PDO (FM)
Offset
DAC1,2
+/-
Gain
Vref (AM)
(3 V)
Bit 34
VS
DAC1,2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com