Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U4256BM-RFS Datasheet(PDF) 14 Page - ATMEL Corporation

Part # U4256BM-RFS
Description  Frequency Synthesizer for Radio Tuning
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U4256BM-RFS Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button U4256BM-RFS Datasheet HTML 10Page - ATMEL Corporation U4256BM-RFS Datasheet HTML 11Page - ATMEL Corporation U4256BM-RFS Datasheet HTML 12Page - ATMEL Corporation U4256BM-RFS Datasheet HTML 13Page - ATMEL Corporation U4256BM-RFS Datasheet HTML 14Page - ATMEL Corporation U4256BM-RFS Datasheet HTML 15Page - ATMEL Corporation U4256BM-RFS Datasheet HTML 16Page - ATMEL Corporation U4256BM-RFS Datasheet HTML 17Page - ATMEL Corporation U4256BM-RFS Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
14
U4256BM-R
4562C–AUDR–08/04
Thermal Resistance
Parameters
Symbol
Value
Unit
Junction ambient, when soldering to PCB
R
thJA
140
K/W
Operating Range
All voltages are referred to GND (Pin 11)
Parameters
Symbol
Min.
Typ.
Max.
Unit
Supply voltage range
Pin 6
V
S
88.5
12
V
Ambient temperature
T
amb
-40
+85
°C
Input frequency FMOSCIN
Pin 19
f
in
70
160
MHz
Programmable N, R divider
SF
2
65535
Crystal reference oscillator
Pins 12 and 13
fXTAL
0.1
15
MHz
Electrical Characteristics
Test Conditions (unless otherwise specified): V
S = 8.5 V, Tamb = 25°C.
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
1
Supply Voltage
1.1
Analog supply voltage
6
V
S
88.5
12
V
A
2
Supply Current
2.1
Analog supply current
6
I
S
510
25
mA
A
3OSCIN
3.1
Input voltage
f = 0.1 to 15 MHz
13
OSC
100
mV
rms
B
4
OSC Buffer (MX2LO)
4.1
Output AC voltage
At Pin15: 47 pF and
1k
Ω
15
v
MX2LO
80
120
200
mV
pp
B
4.2
Output DC voltage
15
V
MX2LO
1.8
2.0
2.2
V
A
5FMOSCIN
5.1
Input voltage
f = 70 to 120 MHz
f = 120 to 160 MHz
19
FMOSC
FMOSC
40
150
mV
rms
mV
rms
B
6
Pulsed Current Output PD
6.1
Output current Bit 71,
70 = ‘00’
PD = 2.5 V
2
± IPD
20
25
30
µA
A
6.2
Output current Bit 71,
70 = ‘01’
PD = 2.5 V
2
± IPD
80
100
120
µA
A
6.3
Output current Bit 71,
70 = ‘10’
PD = 2.5 V
2
± IPD
400
500
600
µA
A
6.4
Output current Bit 71,
70 = ‘11’
PD = 2.5 V
2
± IPD
1500
2000
2400
µA
A
6.5
Leakage current
PD = 2.5 V
2
± IPDL
20
nA
A
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com