Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0144 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM0144
Description  ST7 Assembler Linker
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0144 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM0144 Datasheet HTML 10Page - STMicroelectronics UM0144 Datasheet HTML 11Page - STMicroelectronics UM0144 Datasheet HTML 12Page - STMicroelectronics UM0144 Datasheet HTML 13Page - STMicroelectronics UM0144 Datasheet HTML 14Page - STMicroelectronics UM0144 Datasheet HTML 15Page - STMicroelectronics UM0144 Datasheet HTML 16Page - STMicroelectronics UM0144 Datasheet HTML 17Page - STMicroelectronics UM0144 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 92 page
background image
3 ST7 Assembler
ST7 Assembler Linker
14/92
UM0144
For example:
The next sections describe the main components of a source code file.
3.3.1
About labels
Label structure
Labels must start in column one. A label may contain up to 30 of any of the following
characters:
●
Upper Case letters (A-Z)
●
Lower case letters (a-z)
●
Digits (0-9)
●
Underscore (_)
The first letter of a label must be a letter or an underscore. Note that upper and lower case are
treated differently because the assembler is case sensitive.
Upon assembly, any label that exceeds 30 characters is truncated and a warning alerts the
user that this has occurred. When truncated, if two of more labels have the same name, a
phase inconsistency error is generated.
When labels are defined, several attributes are defined along with the value.
These are:
●
Size (Byte, Word or Long)
●
Relativity (Linker Relative or Absolute)
●
Scope (Internally or Externally defined)
The function of each attribute is explained in the following sections.
Label size
Defining a label’s size allows the assembler to determine what kind of addressing mode to
choose even if the value associated with the label is undefined.
The default size of the memory location for a label is word (2 bytes). Whenever the label has no
suffix, then the default size is assumed. The directives BYTES, WORDS and LONGS (4
bytes) allow you to change the default.
Regardless of the default size, you can define the size for a specific label by adding a suffix to
it: .b for byte, .w for word and .l for long. The suffix is not used when the label is referred to.
Using of any suffixes other than .b, .w and .l will result in an error upon assembly.
examp
ld
A,$ffff
; long addressing mode
comments
operand
opcode
label
separator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com