Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0144 Datasheet(PDF) 49 Page - STMicroelectronics

Part # UM0144
Description  ST7 Assembler Linker
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0144 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button UM0144 Datasheet HTML 45Page - STMicroelectronics UM0144 Datasheet HTML 46Page - STMicroelectronics UM0144 Datasheet HTML 47Page - STMicroelectronics UM0144 Datasheet HTML 48Page - STMicroelectronics UM0144 Datasheet HTML 49Page - STMicroelectronics UM0144 Datasheet HTML 50Page - STMicroelectronics UM0144 Datasheet HTML 51Page - STMicroelectronics UM0144 Datasheet HTML 52Page - STMicroelectronics UM0144 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 92 page
background image
ST7 Assembler Linker
UM0144
49/92
A.3
BYTE
A.4
BYTES
Purpose:
Define byte in object code.
Format:
BYTE <exp or “string”>,[,<exp or “string”>...]
Description:
This directive forces the byte(s) in its argument list into the object code at the
current address. The argument may be composed of complex expressions,
which may even include external labels. If the argument was an expression and
had a value greater than 255 then the lower 8 bits of the expression are used
and no errors are generated. String argument(s) must be surrounded by double
quotes: theses are translated into ASCII and processed byte by byte. It's
generally used for defining data tables. Synonymous with STRING and DC.B.
Example:
BYTE 1,2,3
; generates 01,02,03
BYTE “HELLO”
; generates 48,45,4C,4C,4F
BYTE “HELLO”,0 ; generates 48,45,4C,4C,4F,0
0
See Also:
DC.B, STRING, WORD, LONG, DC.W, DC.L
Purpose:
Label type definition where type = byte.
Format:
BYTES
Description:
When a label is defined, 4 separate attributes are defined with it: scope (internally
or externally defined), value (actual numerical value of the label), relativity (abso-
lute or relative), and length, (BYTE, WORD and LONG).
All of these attributes, except length, are defined explicitly before or at the defini-
tion. You can force the label to be a certain length by giving a dot suffix—eg.
'label.b' forces it to be byte length.
You may also define a default state for label length: labels are created to this length
unless otherwise forced with a suffix. The default is set to WORD at the start of the
assembly, but may be changed by BYTES, WORDS or LONGS to the appropriate
length.
Example:
See Also:
LONGS, WORDS
BYTES
lab1
EQU 5
; byte length for lab1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com