Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0144 Datasheet(PDF) 45 Page - STMicroelectronics

Part # UM0144
Description  ST7 Assembler Linker
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0144 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button UM0144 Datasheet HTML 41Page - STMicroelectronics UM0144 Datasheet HTML 42Page - STMicroelectronics UM0144 Datasheet HTML 43Page - STMicroelectronics UM0144 Datasheet HTML 44Page - STMicroelectronics UM0144 Datasheet HTML 45Page - STMicroelectronics UM0144 Datasheet HTML 46Page - STMicroelectronics UM0144 Datasheet HTML 47Page - STMicroelectronics UM0144 Datasheet HTML 48Page - STMicroelectronics UM0144 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 92 page
background image
ST7 Assembler Linker
6 Librarian
UM0144
45/92
6
Librarian
6.1
Overview
If you do a lot of work on similar boards especially those with the same processor, it makes a great deal of
sense to reuse lumps of code you've already written to do the same task in a different program. At the
simplest level, you could just copy the source code as a block of text into the new program. This works
fine, but has a subtle disadvantage: if you update the subroutine, you have to hunt around all the usages
of it, performing the update on each.
To get around this problem, many people have the source for common routines in one place, and link the
.OBJ
module with each program needing routine. Then you only need to update the source code once,
reassemble it to get a new .OBJ file, then link again all the users of the routine, who will now have the new
.OBJ
file.
While this scheme works well, it generates some problems of its own. For example, each routine needs its
own .OBJ file. By nature, these common routines tend to be small, so you end up giving dozens of extra
.OBJ
modules to the linker, and having the .OBJ modules scattered around your hard disk.
The base concept of a librarian is to combine all these small, useful .OBJ modules into one large .LIB
library file. You could then tell the linker about the library, and it would take care of sorting out which .OBJ
modules to pull into link. It would know which ones to pull by the fact that the main code being linked would
have undefined externals, for example, to call the missing library routines. The librarian simply takes each
undefined external in turn, and checks it against all the modules in the library. If any of the modules
declares a
PUBLIC
of the same name, it knows you need that .OBJ module and it includes it
automatically.
6.2
Invoking the librarian
The librarian is called LIB, and takes one command line argument that is the name of the library to
operate on. If not given, you'll be prompted for it.
LIB [library name]
.LIB
is added if the suffix is left off.
If the library you indicate doesn't exist, LIB asks you if it's a new library.
For example:
LIB LIB1
STMicroelectronics - Librarian - rel 1.00
Couldn't open Library file 'LIB1.LIB'
is it a new file? (y/n): y
If the answer is 'n', LIB aborts. If the library exists, LIB prints up a report on the library.
Library LIB1.LIB is 2K long.
16/1024 Public labels used in 2/128 modules.
Next you're faced with the main prompt:
LIB1.LIB: Operation (<ENTER> for help):



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com