Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34119G-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # MC34119G-S08-R
Description  LOW POWER AUDIO AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC34119G-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  MC34119G-S08-R Datasheet HTML 1Page - Unisonic Technologies MC34119G-S08-R Datasheet HTML 2Page - Unisonic Technologies MC34119G-S08-R Datasheet HTML 3Page - Unisonic Technologies MC34119G-S08-R Datasheet HTML 4Page - Unisonic Technologies MC34119G-S08-R Datasheet HTML 5Page - Unisonic Technologies MC34119G-S08-R Datasheet HTML 6Page - Unisonic Technologies MC34119G-S08-R Datasheet HTML 7Page - Unisonic Technologies MC34119G-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC34119
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
4 of 8
www.unisonic.com.tw
QW-R107-038.K
ABSOLU T E M AX I M U M RAT I N GS (TA=25C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-1 ~ +18
V
Output Current
IOUT
±250
mA
Maximum Input, Ripple Rejection, Mute Pin Voltage
VIN
-1 ~ +1
V
Applied Output Voltage (Output Pin When Disabled)
VOUT
-1 ~ +1
V
Junction Temperature
TJ
+125
C
Operating Temperature
TOPR
-20 ~ +85
C
Storage Temperature
TSTG
-40 ~ +150
C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOM M EN DED OPERAT I ON CON DI T I ON S (TA=25C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
2~16
V
Load Impedance
ZL
8~100
Ω
Peak Load Current
IL(PEAK)
±200
mA
Differential Gain (5KHz Bandwidth)
G
V
0~46
dB
Voltage at Mute
VI(MUTE)
0~VCC
V
Ambient Temperature
TA
-20~+70
C
ELECT RI CAL CH ARACT ERI ST I CS (VCC=6V, TA=25C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC PARAMETER
VCC=3V, Mute=0.8V
2.7
4
mA
VCC=16V, Mute=0.8V
3.3
5
mA
Operating Current
ICC
VCC=3V, Mute=2V
65
100
μA
RL=16
Ω, R1=75KΩ, VCC=3V
1
1.15
1.25
V
RL=16
Ω, R1=75KΩ, VCC=6V
2.65
V
Output Voltage
VOUT
RL=16
Ω, R1=75KΩ, VCC=12V
5.65
V
Output Offset Voltage
VO(OFF)
VCC=6V, RF=75K
Ω,RL=32Ω
-30
0
30
mV
Output High Level
VOH
2V<VCC<16V, IOUT=-75mA
Vcc-1
V
Output Low Level
VOL
2V<VCC<16V, IOUT=75mA
0.16
V
Input Bias Current
II(BIAS)
-100
-200
nA
Pin 3
100
150
220
K
Ω
Equivalent Resistance
REQ
Pin 2
18
25
40
K
Ω
AC PARAMETER
Open Loop Gain of Amp. 1
GV1
80
dB
Open Loop Gain of Amp. 2
GV2
f=1KHz, RL=32
Ω
-0.35
0
0.35
dB
VCC=3V, RL=16
Ω, THD<10%
55
mW
VCC=6V, RL=32
Ω, THD<10%
250
mW
Output Power
POUT
VCC=12V, RL=100
Ω, THD<10%
400
mW
VCC=6V, RL=32
Ω, POUT=125mW
0.5
1
%
VCC
≥3V, RL=8Ω, POUT=20mW
0.5
%
Total Harmonic Distortion
(f=1KHz)
THD
VCC
≥12V, RL=32Ω, POUT=200mW
0.6
%
Gain Bandwidth Product
GBW
1.5
MHz
C1=
∞, C2=0.01μF
50
dB
C1=0.1
μF, C2=0, f=1KHz
12
dB
Power Supply Rejection
(VCC=6V, VCC=3V)
RR
C1=1
μF, C2=5μF, f=1KHz
52
dB
Muting
GV(MUTE) Mute=2V, 1KHz<f<20KHz
70
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com