Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34119G-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # MC34119G-S08-R
Description  LOW POWER AUDIO AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC34119G-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  MC34119G-S08-R Datasheet HTML 1Page - Unisonic Technologies MC34119G-S08-R Datasheet HTML 2Page - Unisonic Technologies MC34119G-S08-R Datasheet HTML 3Page - Unisonic Technologies MC34119G-S08-R Datasheet HTML 4Page - Unisonic Technologies MC34119G-S08-R Datasheet HTML 5Page - Unisonic Technologies MC34119G-S08-R Datasheet HTML 6Page - Unisonic Technologies MC34119G-S08-R Datasheet HTML 7Page - Unisonic Technologies MC34119G-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC34119
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
5 of 8
www.unisonic.com.tw
QW-R107-038.K
T Y PI CAL CI RCU I T
UTC MC34119
1
2
6
3
4
5
8
7
75K
Ω
0.05
μF
5.1K
5.1K
VCC
MUTE
UTC MC34119
1
2
6
3
4
5
8
7
100K
Ω
0.05
μF
5.1K
5.1K
VCC
MUTE
0.05
μF
0.05
μF
5.0
μF
0.1
μF
Audio Input
100K
Ω
0.001
μF
0.01
μF
5.0
μF
UTC MC34119
1
2
6
4
3
5
8
7
75K
Ω
VCC
VEE
-1.0V~-8.0V
10K
Ω
3K
Ω
0.1
μF
4.7K
Ω
20K
Ω
20K
Ω
VCC
MUTE
Audio Input
Audio Input
0.1
μF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com