Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34119G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MC34119G-S08-R
Description  LOW POWER AUDIO AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC34119G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  MC34119G-S08-R Datasheet HTML 1Page - Unisonic Technologies MC34119G-S08-R Datasheet HTML 2Page - Unisonic Technologies MC34119G-S08-R Datasheet HTML 3Page - Unisonic Technologies MC34119G-S08-R Datasheet HTML 4Page - Unisonic Technologies MC34119G-S08-R Datasheet HTML 5Page - Unisonic Technologies MC34119G-S08-R Datasheet HTML 6Page - Unisonic Technologies MC34119G-S08-R Datasheet HTML 7Page - Unisonic Technologies MC34119G-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNI SONI C TECHNOLOGI ES CO., LTD
MC34119
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 8
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R107-038.K
LOW POWER AU DI O
AM PLI FI ER
DESCRI PT I ON
The UTC MC34119 is a low power audio amplifier IC intended for
the telephone applications, such as in speakerphones. It provides
differential speaker outputs to maximize output swing at low supply
voltages. Coupling capacitor to the speaker is not required. Open
loop gain is 80dB, and the closed loop gain is set with two external
resistors. The Mute pin permits powering down and/or muting the
input signal.
FEAT U RES
* Wide operating supply voltage: VCC=2V~16V
* Low quiescent supply current (ICC=2.7mA, typ)
* Medium power output over 250mW at VCC=6V,
RL=32
Ω, THD<10%
* Load impedance range (8
Ω~100Ω)
* Low total harmonic distortion (0.5% typ)
* Mute function (ICC=65
μA, typ)
* Minimum number of external parts required
 ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
MC34119L-D08-T
MC34119G-D08-T
DIP-8
Tube
MC34119L-S08-R
MC34119G-S08-R
SOP-8
Tape Reel
MC34119L-P08-R
MC34119G-P08-R
TSSOP-8
Tape Reel
MC34119L-K08-3030-R
MC34119G-K08-3030-R
DFN3030-8
Tape Reel
(1) T: Tube, R: Tape Reel
(2) D08: DIP-8, S08: SOP-8, P08: TSSOP-8
K08-3030: DFN3030-8
(3) G: Halogen Free and Lead Free, L: Lead Free
MC34119G-D08-T
(1)Packing Type
(2)Package Type
(3)Green Package


Similar Part No. - MC34119G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MC34119G-S08-R UTC-MC34119G-S08-R Datasheet
247Kb / 8P
LOW POWER AUDIO AMPLIFIER
MC34119G-S08-R UTC-MC34119G-S08-R Datasheet
295Kb / 8P
LOW POWER AUDIO AMPLIFIER
More results

Similar Description - MC34119G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCMC34119 UTC-UTCMC34119 Datasheet
86Kb / 4P
LOW POWER AUDIO AMPLIFIER
logo
Taiwan Semiconductor Co...
TS34119 TSC-TS34119 Datasheet
492Kb / 11P
Low Power Audio Amplifier
logo
Wuxi Youda electronics ...
YD8602 YOUDA-YD8602 Datasheet
80Kb / 5P
LOW POWER AUDIO AMPLIFIER
logo
List of Unclassifed Man...
GP34119 ETC2-GP34119 Datasheet
551Kb / 8P
LOW POWER AUDIO AMPLIFIER
logo
Taiwan Semiconductor Co...
TS34119 TSC-TS34119_07 Datasheet
744Kb / 13P
Low Power Audio Amplifier
logo
SeCoS Halbleitertechnol...
SPW34119D SECOS-SPW34119D Datasheet
1Mb / 9P
Low Power Audio Amplifier
SSGSC34119 SECOS-SSGSC34119 Datasheet
1Mb / 9P
Low Power Audio Amplifier
logo
Freescale Semiconductor...
MC34119P FREESCALE-MC34119P Datasheet
271Kb / 12P
Low Power Audio Amplifier
MC34119DTBR2 FREESCALE-MC34119DTBR2 Datasheet
271Kb / 12P
LOW POWER AUDIO AMPLIFIER
logo
SeCoS Halbleitertechnol...
SGP34119 SECOS-SGP34119 Datasheet
1Mb / 9P
Low Power Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com