Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB280 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UB280
Description  1-CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB280 Datasheet(HTML) 2 Page - Unisonic Technologies

  UB280 Datasheet HTML 1Page - Unisonic Technologies UB280 Datasheet HTML 2Page - Unisonic Technologies UB280 Datasheet HTML 3Page - Unisonic Technologies UB280 Datasheet HTML 4Page - Unisonic Technologies UB280 Datasheet HTML 5Page - Unisonic Technologies UB280 Datasheet HTML 6Page - Unisonic Technologies UB280 Datasheet HTML 7Page - Unisonic Technologies UB280 Datasheet HTML 8Page - Unisonic Technologies UB280 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
UB280
Preliminary
CMOS IC
M ARK I N G I N FORM AT I ON
PACKAGE
VOLTAGE CODE (Note)
MARKING
SOT-26
XX
Note: Refer to Serial Code List
SERI AL CODE LI ST
Model
Code
Overcharge
Detection
Voltage
[VDET1](V)
Overcharge
Release
Voltage
[VREL1](V)
Over discharge
Detection
Voltage
[VDET2](V)
Over discharge
Release
Voltage
[VREL2](V)
Over Current
Detection
Voltage
[VDET3](V)
AA
4.275
4.175
3.00
3.20
0.150
AB
4.280
4.100
2.30
2.50
0.150
AC
4.300
4.200
2.40
3.00
0.200
AD
4.280
4.180
2.50
3.00
0.150
AE
4.280
4.080
2.30
2.40
0.100
AF
4.275
4.075
2.50
2.90
0.150
AG
4.250
4.150
2.40
3.00
0.100
AH
4.200
4.100
2.80
2.90
0.150
AI
4.100
3.850
2.50
2.90
0.150
UB280
AJ
4.280
4.150
2.80
3.10
0.150
PI N CON FI GU RAT I ON
PI N DESCRI PT I ON
PIN NO.
PIN NAME
DESCRIPTION
1
DO
For discharge control: FET gate connection pin
2
VM
For current sense and charger detection input pin
3
CO
For charge control: FET gate connection pin
4
DS
For reduce delay time: test pin
5
VDD
Positive power input
6
VSS
Negative power input
UNISONIC TECHNOLOGIES CO., LTD
2 of 9
www.unisonic.com.tw
QW-R128-003.a



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com