Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB280 Datasheet(PDF) 9 Page - Unisonic Technologies

Part # UB280
Description  1-CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB280 Datasheet(HTML) 9 Page - Unisonic Technologies

  UB280 Datasheet HTML 1Page - Unisonic Technologies UB280 Datasheet HTML 2Page - Unisonic Technologies UB280 Datasheet HTML 3Page - Unisonic Technologies UB280 Datasheet HTML 4Page - Unisonic Technologies UB280 Datasheet HTML 5Page - Unisonic Technologies UB280 Datasheet HTML 6Page - Unisonic Technologies UB280 Datasheet HTML 7Page - Unisonic Technologies UB280 Datasheet HTML 8Page - Unisonic Technologies UB280 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
UB280
Preliminary
CMOS IC
T Y PI CAL APPLI CAT I ON CI RCU I T
Notes: 1. R1 and C1 stabilize a supply voltage ripple. However, the detection voltage rises by the current of
penetration in IC of the voltage detection when R1 is enlarged, and the value of R1 is adjusted to 1kohm
or less. Moreover, adjust the value of C1 to 0.01uF or more to do the stability operation, please.
2. R1 and R2 resistors are current limit resistance if a charger is connected reversibly or a high voltage
charger that exceeds the absolute maximum rating is connected. R1 and R2 may cause a power
consumption will be over rating of power dissipation, therefore the ’R1+R2’ should be more than 1kohm.
Moreover, if R2 is too enlarged, the charger connection release cannot be occasionally done after the
overdischarge is detected, so adjust the value of R2 to 10kohm or less, please.
3. C2 and C3 capacitors have effect that the system stability about voltage ripple or imported noise. After
check characteristics, decide that these capacitors should be inserted or not, where should be inserted,
and capacitance value, please.
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all UTC products described or contained herein .
UTC products are not designed for use in life support appliances, devices or systems where malfunction
of these products can be reasonably expected to result in personal injury. Reproduction in whole or in
part is prohibited without the prior written consent of the copyright owner. UTC reserves the right to
make changes to information published in this document, including without limitation specifications and
product descriptions, at any time and without notice. This document supersedes and replaces all
information supplied prior to the publication hereof.
UNISONIC TECHNOLOGIES CO., LTD
9 of 9
www.unisonic.com.tw
QW-R128-003.a



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com