Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB280 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UB280
Description  1-CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB280 Datasheet(HTML) 4 Page - Unisonic Technologies

  UB280 Datasheet HTML 1Page - Unisonic Technologies UB280 Datasheet HTML 2Page - Unisonic Technologies UB280 Datasheet HTML 3Page - Unisonic Technologies UB280 Datasheet HTML 4Page - Unisonic Technologies UB280 Datasheet HTML 5Page - Unisonic Technologies UB280 Datasheet HTML 6Page - Unisonic Technologies UB280 Datasheet HTML 7Page - Unisonic Technologies UB280 Datasheet HTML 8Page - Unisonic Technologies UB280 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
UB280
Preliminary
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
4 of 9
www.unisonic.com.tw
QW-R128-003.a
ABSOLU T E M AX I M U M RAT I N G (VSS=0V, TA=25°
С unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage Between VDD and VSS (Note 1)
VDD
VSS-0.3 ~ VSS+12
V
CO Output Pin Voltage
VCO
VDD-28 ~ VDD+0.3
V
DO Output Pin Voltage
VDO
VSS-0.3 ~ VDD+0.3
V
VM Input Pin Voltage
VM
VDD-28 ~ VDD+0.3
V
DS Input Pin Voltage
VDS
VSS-0.3 ~ VDD+0.3
V
Ambient Operating Temperature
TOPR
-40 ~ +85
°
С
Storage Temperature
TSTG
-55 ~ +125
°
С
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Pulse (
μsec) noise exceeding the above input voltage (VSS+12V) may cause damage to the IC.
ELECT RI CAL CH ARACT ERI ST I CS (VSS=0V, TA=25°
С unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT CONSUMPTION
Supply Current
IOPE
VDD=3.9V, VM=0V
3.0
8.0
μA
Power-Down Current
IPDN
VDD=VM=2.0V
0.2
0.5
μA
DETECTION VOLTAGE
Overcharge Detection Voltage
VDET1
VDET1-0.05 VDET1 VDET1+0.05
V
Overcharge Release Voltage
VREL1
VREL1-0.05 VREL1 VREL1+0.05
V
Overdischarge Detection Voltage
VDET2
VDET2-0.10 VDET2 VDET2+0.10
V
Overdischarge Release Voltage
VREL2
VREL2-0.10 VREL2 VREL2+0.10
V
Discharge Over Current Detection Voltage
VDET3
VDD=3.0V
VDET3-0.03 VDET3 VDET3+0.03
V
Discharge Short Circuit Detection Voltage
VSHORT VDD=3.0V
0.60
0.90
0.12
V
0V BATTERY CHARGE VOLTAGE
0V Battery Charge Starting Charger
Voltage
V0CHA
1.0
V
CONTROL OUTPUT VOLTAGE(CO&DO)
CO Pin Output “H” Voltage
VCOH
VDD=3.9V, ICO=-30µA
3.4
3.7
V
CO Pin Output “L” Voltage
VCOL
VDD=4.5V, ICO=30µA
0.4
0.5
V
DO Pin Output “H” Voltage
VDOH
VDD=3.9V, IDO=-30µA
3.4
3.7
V
DO Pin Output “L” Voltage
VDOL
VDD=2.0V, IDO=30µA
0.2
0.5
V
DELAY TIME
Overcharge Detection Delay Time
tDET1
VDD=3.6V to 4.6V
0.5
s
Overcharge Release Delay Time
tREL1
VDD=4.6V to 3.6V
6
ms
Overdischarge Detection Delay Time
tDET2
VDD=3.6V to 2.0V
100
ms
Overdischarge Release Delay Time
tREL2
VDD=2.0V to 3.6V
3
ms
Discharge Over Current Detection Delay
Time
tDET3
VDD=3.6V, VM=0V to 0.3V
10
ms
Discharge Over Current Release Delay Time
tREL3
VDD=3.6V, VM=0.3V to 0V
3
ms
Discharge Short Circuit Detection Delay
Time
tSHORT VDD=3.6V, VM=0V to 3.0V
500
µs
Over Voltage Charger Detection
Voltage
VCHG1
VDD=3.6V
11
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com