Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EAPLRBA2 Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # EAPLRBA2
Description  Photolink- Fiber Optic Receiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EAPLRBA2 Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  EAPLRBA2 Datasheet HTML 1Page - Everlight Electronics Co., Ltd EAPLRBA2 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EAPLRBA2 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EAPLRBA2 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EAPLRBA2 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EAPLRBA2 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EAPLRBA2 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EAPLRBA2 Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DATASHEET
Photolink- Fiber Optic Receiver
EAPLRBA2
2
Copyright © 2010, Everlight Americas Inc. All Rights Reserved. Release Date : 08.13.2012. Issue No: 1
www.everlightamericas .com
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Unit
Supply Voltage
Vcc
-0.5 ~ +5.5
V
Output Voltage
Vout
Vcc +0.3
V
Storage Temperature
Tstg
-40 to 85
ºC
Operating Temperature
Topr
-20 to 70
ºC
Soldering Temperature
Tsol
260*
ºC
Human Body Model ESD
HBM
2000
V
Machine Model ESD
MM
100
V
Recommended Operating Conditions
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Supply Voltage
Vcc
-
3.0
3.3
5.50
V
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Peak sensitivity wavelength
p
-
650
-
nm
-
Maximum receiver power
Pc,max
-
-
-14
dBm
Refer to Fig.1
Minimum receiver power
Pc,min
-27
-
-
dBm
Refer to Fig.1
Dissipation current
Icc
-
3
6
mA
Refer to Fig.2
High level output voltage
VOH
3.0
3.2
-
V
Refer to Fig.3
Low level output voltage
VOL
-
0.2
0.4
V
Refer to Fig.3
Rise time
tr
-
10
14
ns
Refer to Fig.3
Fall time
tf
-
10
14
ns
Refer to Fig.3
Propagation delay Low to High
tPLH
-
-
80
ns
Refer to Fig.3
Propagation delay High to Low
tPHL
-
-
80
ns
Refer to Fig.3
Pulse Width Distortion
tw
-15
-
+15
ns
Refer to Fig.3
Jitter
tj
-
1
5
ns
Refer to Fig.3,
Pc=-14dBm
Jitter
Transfer rate
tj
T
-
5
10
ns
Refer to Fig.3,
Pc=-27dBm
0.1
-
25
Mb/s
NRZ signal



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com