Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EAPLRBA2 Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # EAPLRBA2
Description  Photolink- Fiber Optic Receiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EAPLRBA2 Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  EAPLRBA2 Datasheet HTML 1Page - Everlight Electronics Co., Ltd EAPLRBA2 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EAPLRBA2 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EAPLRBA2 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EAPLRBA2 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EAPLRBA2 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EAPLRBA2 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EAPLRBA2 Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DATASHEET
Photolink- Fiber Optic Receiver
EAPLRBA2
3
Copyright © 2010, Everlight Americas Inc. All Rights Reserved. Release Date : 08.13.2012. Issue No: 1
www.everlightamericas .com
Measuring Method
*Fig.1 Measuring Method of Maximum and Minimum Input Power that Receiver Unit Need
Transmitter
Standard plastic optic fiber cable
PLR135 Receiver Unit
Control Circuit
Optical Power Meter
*Fig.2 Measuring Method of Dissipation Current
Standard Transmitter unit
Vout
Standard plastic optic fiber cable
GND
Vcc
Vin
Signal
Input
25Mbps NRZ "0101" successive signal input
PLR233 Receiver Unit
3.3V
Vcc
0.1uF
47uH
GND
A
EAPLRAA8 Receiver
Unit
EAPLRAA8 Receiver
Unit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com