Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EAPLRBA2 Datasheet(PDF) 8 Page - Everlight Electronics Co., Ltd

Part # EAPLRBA2
Description  Photolink- Fiber Optic Receiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EAPLRBA2 Datasheet(HTML) 8 Page - Everlight Electronics Co., Ltd

  EAPLRBA2 Datasheet HTML 1Page - Everlight Electronics Co., Ltd EAPLRBA2 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EAPLRBA2 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EAPLRBA2 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EAPLRBA2 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EAPLRBA2 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EAPLRBA2 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EAPLRBA2 Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
DATASHEET
Photolink- Fiber Optic Receiver
EAPLRBA2
8
Copyright © 2010, Everlight Americas Inc. All Rights Reserved. Release Date : 08.13.2012. Issue No: 1
www.everlightamericas .com
Notes
1.
Above specification may be changed without notice. EVERLIGHT Americas will reserve authority on material
change for above specification.
2.
.When using this product, please observe the absolute maximum ratings and the instructions for using outlined
in these specification sheets. EVERLIGHT Americas assumes no responsibility for any damage resulting from
use of the product which does not comply with the absolute maximum ratings and the instructions included in
these specification sheets.
3.
These specification sheets include materials protected under copyright of EVERLIGHT Americas corporation.
Please don’t reproduce or cause anyone to reproduce them without EVERLIGHT Americas’s consent.
Application Notes: EAPLRBA2 PCB layout for motherboard integration
To achieve better jitter and low input optical power performances, several PCB layout guidelines must be followed.
These guidelines ensure the most reliable EAPLRBA2 POF performance for the motherboard integration. Failed to
implement these PCB guidelines may affect the EAPLRBA2 jitter and low input power performances.
1.
Careful decoupling of the power supplies is very important. Place a 0.1uf surface mount (size 805 or smaller)
capacitor as close as (less than 2cm) to the POF Vdd and Gnd leads. The 0.1uf act as a low impedance path to
ground for any stray high frequency transient noises.
2.
To reduce the digital noises form the digital IC on the motherboard, the planar capacitance formed by an
isolated Vcc and Gnd planes is critical. The POF device must be mounted directly on these two planes to
reduce the lead parasitic inductance.
3.
The isolated Vdd and Gnd planes must be connected to the main Vcc and Gnd (digital) planes at a single point
using ferrite beads. The beads are used to block the high frequency noises from the digital planes while still
allowing the DC connections between the planes



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com