Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM74HC245AMTC Datasheet(PDF) 4 Page - ON Semiconductor

Part # MM74HC245AMTC
Description  Octal 3-STATE Transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MM74HC245AMTC Datasheet(HTML) 4 Page - ON Semiconductor

  MM74HC245AMTC Datasheet HTML 1Page - ON Semiconductor MM74HC245AMTC Datasheet HTML 2Page - ON Semiconductor MM74HC245AMTC Datasheet HTML 3Page - ON Semiconductor MM74HC245AMTC Datasheet HTML 4Page - ON Semiconductor MM74HC245AMTC Datasheet HTML 5Page - ON Semiconductor MM74HC245AMTC Datasheet HTML 6Page - ON Semiconductor MM74HC245AMTC Datasheet HTML 7Page - ON Semiconductor MM74HC245AMTC Datasheet HTML 8Page - ON Semiconductor MM74HC245AMTC Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
(Note 2)
Recommended Operating
Conditions
Note 1: Maximum Ratings are those values beyond which damage to the
device may occur.
Note 2: Unless otherwise specified all voltages are referenced to ground.
Note 3: Power Dissipation temperature derating — plastic “N” package:

12 mW/
qC from 65qC to 85qC.
DC Electrical Characteristics (Note 4)
Note 4: For a power supply of 5V
r10% the worst case output voltages (VOH, and VOL) occur for HC at 4.5V. Thus the 4.5V values should be used when
designing with this supply. Worst case VIH and VIL occur at VCC 5.5V and 4.5V respectively. (The VIH value at 5.5V is 3.85V.) The worst case leakage cur-
rent (IIN, ICC, and IOZ) occur for CMOS at the higher voltage and so the 6.0V values should be used.
Supply Voltage (VCC)
0.5 to 7.0V
DC Input Voltage DIR and G pins (VIN) 1.5 to VCC 1.5V
DC Input/Output Voltage (VIN, VOUT)
0.5 to VCC 0.5V
Clamp Diode Current (ICD)
r20 mA
DC Output Current, per pin (IOUT)
r35 mA
DC VCC or GND Current, per pin (ICC)
r70 mA
Storage Temperature Range (TSTG)
65qC to 150qC
Power Dissipation (PD)
(Note 3)
600 mW
S.O. Package only
500 mW
Lead Temperature (TL)
(Soldering 10 seconds)
260
qC
Min
Max
Units
Supply Voltage (VCC)2
6
V
DC Input or Output Voltage
(VIN, VOUT)0
VCC
V
Operating Temperature Range (TA) 40
85
qC
Input Rise/Fall Times
(tr, tf)
VCC 2.0V
1000
ns
VCC 4.5V
500
ns
VCC 6.0V
400
ns
Symbol
Parameter
Conditions
VCC
TA 25qCTA 40 to 85qCTA 55 to 125qC
Units
Typ
Guaranteed Limits
VIH
Minimum HIGH Level Input
2.0V
1.5
1.5
1.5
V
Voltage
4.5V
3.15
3.15
3.15
V
6.0V
4.2
4.2
4.2
V
VIL
Maximum LOW Level Input
2.0V
0.5
0.5
0.5
V
Voltage
4.5V
1.35
1.35
1.35
V
6.0V
1.8
1.8
1.8
V
VOH
Minimum HIGH Level Output
VIN VIH or VIL
Voltage
|IOUT| d 20 PA
2.0V
2.0
1.9
1.9
1.9
V
4.5V
4.5
4.4
4.4
4.4
V
6.0V
6.0
5.9
5.9
5.9
V
VIN VIH or VIL
|IOUT| d 6.0 mA
4.5V
4.2
3.98
3.84
3.7
V
|IOUT| d 7.8 mA
6.0V
5.7
5.48
5.34
5.2
V
VOL
Maximum LOW Level Output
VIN VIH or VIL
Voltage
|IOUT| d 20 PA
2.0V
0
0.1
0.1
0.1
V
4.5V
0
0.1
0.1
0.1
V
6.0V
0
0.1
0.1
0.1
V
VIN VIH or VIL
|IOUT| d 6.0 mA
4.5V
0.2
0.26
0.33
0.4
V
|IOUT| d 7.8 mA
6.0V
0.2
0.26
0.33
0.4
V
IIN
Input Leakage
VIN VCC to GND
6.0V
r0.1
r1.0
r1.0
PA
Current (G and DIR)
IOZ
Maximum 3-STATE Output
VOUT VCC or GND
6.0V
r0.5
r5.0
r10
PA
Leakage Current
Enable G
VIH
ICC
Maximum Quiescent Supply
VIN VCC or GND
6.0V
8.0
80
160
PA
Current
IOUT 0 PA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com