Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM74HC245AMTC Datasheet(PDF) 2 Page - ON Semiconductor

Part # MM74HC245AMTC
Description  Octal 3-STATE Transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MM74HC245AMTC Datasheet(HTML) 2 Page - ON Semiconductor

  MM74HC245AMTC Datasheet HTML 1Page - ON Semiconductor MM74HC245AMTC Datasheet HTML 2Page - ON Semiconductor MM74HC245AMTC Datasheet HTML 3Page - ON Semiconductor MM74HC245AMTC Datasheet HTML 4Page - ON Semiconductor MM74HC245AMTC Datasheet HTML 5Page - ON Semiconductor MM74HC245AMTC Datasheet HTML 6Page - ON Semiconductor MM74HC245AMTC Datasheet HTML 7Page - ON Semiconductor MM74HC245AMTC Datasheet HTML 8Page - ON Semiconductor MM74HC245AMTC Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
© 2005 Fairchild Semiconductor Corporation
DS005165
www.fairchildsemi.com
September 1983
Revised May 2005
MM74HC245A
Octal 3-STATE Transceiver
General Description
The MM74HC245A 3-STATE bidirectional buffer utilizes
advanced silicon-gate CMOS technology, and is intended
for two-way asynchronous communication between data
buses. It has high drive current outputs which enable high
speed operation even when driving large bus capaci-
tances. This circuit possesses the low power consumption
and high noise immunity usually associated with CMOS cir-
cuitry, yet has speeds comparable to low power Schottky
TTL circuits.
This device has an active LOW enable input G and a direc-
tion control input, DIR. When DIR is HIGH, data flows from
the A inputs to the B outputs. When DIR is LOW, data flows
from the B inputs to the A outputs. The MM74HC245A
transfers true data from one bus to the other.
This device can drive up to 15 LS-TTL Loads, and does not
have Schmitt trigger inputs. All inputs are protected from
damage due to static discharge by diodes to VCC and
ground.
Features
■ Typical propagation delay: 13 ns
■ Wide power supply range: 2–6V
■ Low quiescent current: 80
PA maximum (74 HC)
■ 3-STATE outputs for connection to bus oriented systems
■ High output drive: 6 mA (minimum)
■ Same as the 645
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Pin Assignments for DIP, SOIC, SOP and TSSOP
Top View
Truth Table
H
HIGH Level
L
LOW Level
X
Irrelevant
Order Number
Package Number
Package Description
MM74HC245AWM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
MM74HC245ASJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
MM74HC245AMTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
MM74HC245AN
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Control
Inputs
Operation
G
DIR
L
L
B data to A bus
L
H
A data to B bus
HX
Isolation



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com