Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM74HC245AMTC Datasheet(PDF) 5 Page - ON Semiconductor

Part # MM74HC245AMTC
Description  Octal 3-STATE Transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MM74HC245AMTC Datasheet(HTML) 5 Page - ON Semiconductor

  MM74HC245AMTC Datasheet HTML 1Page - ON Semiconductor MM74HC245AMTC Datasheet HTML 2Page - ON Semiconductor MM74HC245AMTC Datasheet HTML 3Page - ON Semiconductor MM74HC245AMTC Datasheet HTML 4Page - ON Semiconductor MM74HC245AMTC Datasheet HTML 5Page - ON Semiconductor MM74HC245AMTC Datasheet HTML 6Page - ON Semiconductor MM74HC245AMTC Datasheet HTML 7Page - ON Semiconductor MM74HC245AMTC Datasheet HTML 8Page - ON Semiconductor MM74HC245AMTC Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
VCC
5V, TA 25qC, tr tf 6ns
AC Electrical Characteristics
VCC
2.0V to 6.0V, CL 50 pF, tr tf 6ns (unless otherwise specified)
Note 5: CPD determines the no load dynamic power consumption, PD CPD VCC
2 fICC VCC, and the no load dynamic current consumption, IS CPDVCCfICC.
Symbol
Parameter
Conditions
Typ
Guaranteed
Units
Limit
tPHL, tPLH
Maximum Propagation Delay
CL 45 pF
12
17
ns
tPZH, tPZL
Maximum Output Enable
RL 1 k:
24
35
ns
Time
CL 45 pF
tPHZ, tPLZ
Maximum Output Disable
RL 1 k:
18
25
ns
Time
CL 5 pF
Symbol
Parameter
Conditions
VCC
TA 25qCTA 40 to 85qCTA 55 to 125qC
Units
Typ
Guaranteed Limits
tPHL,
Maximum Propagation
CL 50 pF
2.0V
31
90
113
135
ns
tPLH
Delay
CL 150 pF
2.0V
41
96
116
128
ns
CL 50 pF
4.5V
13
18
23
27
ns
CL 150 pF
4.5V
17
22
28
33
ns
CL 50 pF
6.0V
11
15
19
23
ns
CL 150 pF
6.0V
14
19
23
28
ns
tPZH,
Maximum Output Enable
RL 1 k:
tPZL
Time
CL 50 pF
2.0V
71
190
240
285
ns
CL 150 pF
2.0V
81
240
300
360
ns
CL 50 pF
4.5V
26
38
48
57
ns
CL 150 pF
4.5V
31
48
60
72
ns
CL 50 pF
6.0V
21
32
41
48
ns
CL 150 pF
6.0V
25
41
51
61
ns
tPHZ,
Maximum Output Disable
RL 1 k:
2.0V
39
135
169
203
ns
tPLZ
Time
CL 50 pF
4.5V
20
27
34
41
ns
6.0V
18
23
29
34
ns
tTLH, tTHL Output Rise and Fall Time
CL 50 pF
2.0V
20
60
75
90
ns
4.5V
6
12
15
18
ns
6.0V
5
10
13
15
ns
CPD
Power Dissipation
G
VIL
50
pF
Capacitance (Note 5)
G
VIH
5pF
CIN
Maximum Input Capacitance
5
10
10
10
pF
CIN/OUT
Maximum Input/Output
15
20
20
20
pF
Capacitance, A or B



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com