Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPB3443LT3G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LPB3443LT3G
Description  20V P-Channel Enhancement-Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LPB3443LT3G Datasheet(HTML) 2 Page - Leshan Radio Company

  LPB3443LT3G Datasheet HTML 1Page - Leshan Radio Company LPB3443LT3G Datasheet HTML 2Page - Leshan Radio Company LPB3443LT3G Datasheet HTML 3Page - Leshan Radio Company LPB3443LT3G Datasheet HTML 4Page - Leshan Radio Company LPB3443LT3G Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
20V P-Channel Enhancement-Mode MOSFET
6. ELECTRICAL CHARACTERISTICS (Ta= 25ºC)
OFF CHARACTERISTICS
Characteristic
Drain–Source Breakdown Voltage
(VGS = 0, ID = -250μAdc)
Zero Gate Voltage Drain Current
(VGS = 0, VDS = -20 Vdc)
Gate–Body Leakage Current, Forward
(VGS = 12 Vdc)
Gate–Body Leakage Current, Reverse
(VGS = - 12 Vdc)
ON CHARACTERISTICS (Note 3)
Forward Transconductance
(VDS = -10Vdc, ID = -4.7Adc)
Gate Threshold Voltage
(VDS = VGS, ID = -250μAdc)
Static Drain–Source On–State Resistance
(VGS = -4.5Vdc, ID = -4.7Adc)
(VGS = -2.7Vdc, ID = -3.8Adc)
(VGS = -2.5Vdc, ID = -1.0Adc)
SWITCHING CHARACTERISTICS
Turn-On Delay Time
Rise Time
Turn-Off Delay Time
Fall Time
SOURCE–DRAIN DIODE CHARACTERISTICS
Forward Voltage
(VGS = 0 Vdc, ISD = -1.7 Adc)
3.Pulse Test: Pulse Width ≤
300 μs, Duty Cycle ≤2.0%.
ns
8
-
Symbol
Min.
-100
-20
-
-
μAdc
nAdc
nAdc
S
RDS(on)
-
-0.6
110
-0.85
VSD
-
-
(VDD = -10V, RD=10Ω
ID = -1A, VGS = -4.5V,
RG = 6Ω)
-
45
70
-
25
40
-
22
35
mΩ
-
35
55
tf
Typ.
Max.
IGSSR
-
IGSSF
-
-
100
VBRDSS
-1.4
-1.2
V
Unit
Vdc
td(on)
tr
58
70
75
VGS(th)
IDSS
-
-
-1
-
Vdc
td(off)
-
-
63
90
gfs
-
Leshan Radio Company, LTD.
2/5
LPB 3443LT1G, S-LPB 3443LT1G
Rev.B Nov 2018



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com