Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPB3443LT3G Datasheet(PDF) 5 Page - Leshan Radio Company

Part # LPB3443LT3G
Description  20V P-Channel Enhancement-Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LPB3443LT3G Datasheet(HTML) 5 Page - Leshan Radio Company

  LPB3443LT3G Datasheet HTML 1Page - Leshan Radio Company LPB3443LT3G Datasheet HTML 2Page - Leshan Radio Company LPB3443LT3G Datasheet HTML 3Page - Leshan Radio Company LPB3443LT3G Datasheet HTML 4Page - Leshan Radio Company LPB3443LT3G Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
20V P-Channel Enhancement-Mode MOSFET
8.OUTLINE AND DIMENSIONS
9.SOLDERING FOOTPRINT
Leshan Radio Company, LTD.
5/5
DIM
MIN
NOR
MAX
A
0.90
1.00
1.10
A1
0.01
0.06
0.10
b
0.30
0.40
0.50
c
0.10
0.15
0.20
D
2.80
2.90
3.00
E
1.50
1.60
1.70
e
1.80
1.90
2.00
L
0.20
0.40
0.60
L1
0.45
0.60
0.75
HE
2.60
2.80
3.00
θ
0º
–
10º
All Dimensions in mm
SOT23-LC
SOT23-LC
GENERAL NOTES
1.Top package surface finish Ra0.4±0.2um
2.Bottom package surface finish Ra0.7±0.2um
3.Side package surface finish Ra0.4±0.2um
HE
L
L1
e
R0.
15
8°
D
b
X
C
B
DIM
(mm)
X
0.80
Y
0.90
A
2.40
B
0.95
C
0.95
SOT23-LC
LPB 3443LT1G, S-LPB 3443LT1G
Rev.B Nov 2018



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com