Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPB3443LT3G Datasheet(PDF) 4 Page - Leshan Radio Company

Part # LPB3443LT3G
Description  20V P-Channel Enhancement-Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LPB3443LT3G Datasheet(HTML) 4 Page - Leshan Radio Company

  LPB3443LT3G Datasheet HTML 1Page - Leshan Radio Company LPB3443LT3G Datasheet HTML 2Page - Leshan Radio Company LPB3443LT3G Datasheet HTML 3Page - Leshan Radio Company LPB3443LT3G Datasheet HTML 4Page - Leshan Radio Company LPB3443LT3G Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
20V P-Channel Enhancement-Mode MOSFET
7.ELECTRICAL CHARACTERISTICS CURVES(Con.)
LPB 3443LT1G, S-LPB 3443LT1G
Leshan Radio Company, LTD.
4/5
ELECTRICAL CHARACTERISTICS CURVES(Con.)
0
200
400
600
800
1000
1200
1400
0
5
10
15
20
VDS Drain to Source Voltage(V)
f=1.0MHz
Ta=25
℃
Ciss
Coss,Crss
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
-50
-25
0
25
50
75
100
125
150
Tj Temperature(
℃)
ID=-250uA
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
-50
-25
0
25
50
75
100 125 150
Tj,Temperature(
℃)
VGS=-2.7V,ID=-3.8A
VGS=-4.5V,ID=-4.7A
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
0
2
4
6
8
10
VGS,Gate To Source Voltage(V)
ID=-4.70 A
150
℃
-55
℃
25
℃
RDS(on) vs. VGS
RDS(on) vs. Tj
VGSTH vs. Tj
Capacitance
Rev.B Nov 2018



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com