Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6905CS5 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC6905CS5
Description  17MHz to 170MHz Resistor Set SOT-23 Oscillator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6905CS5 Datasheet(HTML) 8 Page - Linear Technology

  LTC6905CS5 Datasheet HTML 1Page - Linear Technology LTC6905CS5 Datasheet HTML 2Page - Linear Technology LTC6905CS5 Datasheet HTML 3Page - Linear Technology LTC6905CS5 Datasheet HTML 4Page - Linear Technology LTC6905CS5 Datasheet HTML 5Page - Linear Technology LTC6905CS5 Datasheet HTML 6Page - Linear Technology LTC6905CS5 Datasheet HTML 7Page - Linear Technology LTC6905CS5 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
LTC6905
8
6905fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2005
LT/TP 0205 1K REV A • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1799
1kHz to 33MHz ThinSOT Oscillator
Single Output, High Frequency Operation
LTC6900
1kHz to 20MHz ThinSOT Oscillator
Single Output Lower Power
LTC6902
Multiphase Oscillator with Spread Spectrum Modulation
2-, 3- or 4-Phase Outputs
LTC6903/LTC6904
1kHz to 68MHz Serial Port Programmable Oscillator
3-Wire or I2C
TM Programmable
LTC6905-XXX Series
Fixed Frequency LTC6905
High Accuracy, No External Resistor
LTC6906
Micropower, 10kHz to 1MHz Resistor Set ThinSOT Oscillator
Ultralow Power, Resistor Sets Frequency
I2C is a trademark of Philips Electronics N.V.
APPLICATIO S I FOR ATIO
Figure 3. Current Controlled Oscillator
Figure 4. Voltage Controlled Oscillator
f
N
MHz
k
VV
R
I
VV
MHz
OSC
SET
SET
CNTRL
SET
=
Ω
⎡
⎣
⎢
⎤
⎦
⎥
+
⎡
⎣
⎢
⎢
⎢
⎢
⎢
⎤
⎦
⎥
⎥
⎥
⎥
⎥
+
+
1
168 5
10
15
.•
•
–
–
–
.
ICNTRL Frequency ≤ 100kHz
Example (Figure 3): VSET = (V+ – 1V), RSET = 10k, N = 1
f
MHz
k
I
MHz
OSC
CNTRL
=
Ω
() +
[]
168 5
1 10
1 5
.•
–
•
.
f
N
MHz
k
VV
R
VV
R
VV
MHz
OSC
SET
SET
SET
CNTRL
CNTRL
SET
=
Ω
⎡
⎣
⎢
⎤
⎦
⎥
+
⎡
⎣
⎢
⎢
⎢
⎢
⎢
⎤
⎦
⎥
⎥
⎥
⎥
⎥
+
+
1
168 5
10
15
.•
•
–
–
–
–
.
VCNTRL Frequency ≤ 100kHz
Example (Figure 4): VSET = (V+ – 1V), RSET = 10k, RCNTRL = 33.2k,
N = 1, V+ = 3V
f
MHz
k
k
VV
k
MHz
OSC
CNTRL
=
Ω
ΩΩ
⎡
⎣
⎢
⎤
⎦
⎥ +
⎡
⎣
⎢
⎤
⎦
⎥
168 5
10
1
10
2
33 2
15
.•
•
–
–
.
.
ALTERNATIVE METHODS OF SETTING THE OUTPUT
FREQUENCY OF THE LTC6905
The LTC6905 may be programmed by any method that
sources a current into the SET pin (Pin 3). The accuracy of
the programming is best with a simple resistor because
the LTC6905 takes into account both the voltage at the SET
pin and the current into the SET pin when generating the
output frequency. Since the voltage at the SET pin can vary
by as much as 5%, setting the frequency using a current
rather than a resistor will result in as much as 5% addi-
tional inaccuracy in the output frequency.
Figure 3 shows a method to control the frequency of the
LTC6905 using a current source. RSET, in this case, sets a
maximum frequency according to the regular expression
for fOSC. The current source will subtract current from the
SET pin to lower the frequency.
Figure 4 shows a method for controlling the frequency of
the LTC6905 using a voltage source. In this case, RSET sets
a constant current into the SET pin, and RCNTRL will sub-
tract from this current in order to change the frequency.
Increasing VCNTRL will increase the output frequency.
V+
1
2
3
5
fOSC
69.8MHz TO 170MHz
V+
0.1µF
ICNTRL
0µA TO 60µA
RSET
10k
6905 F03
4
GND
V+
N = 1
LTC6905
SET
OUT
DIV
V+
1
2
3
5
V+ = 3V
0.1µF
RSET
10k
VCNTRL
0V TO 2V
6905 F04
4
GND
V+
N = 1
LTC6905
SET
OUT
DIV
+
–
RCNTRL
33.2k
fOSC
69.8MHz TO 170MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com