Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6905CS5 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC6905CS5
Description  17MHz to 170MHz Resistor Set SOT-23 Oscillator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6905CS5 Datasheet(HTML) 5 Page - Linear Technology

  LTC6905CS5 Datasheet HTML 1Page - Linear Technology LTC6905CS5 Datasheet HTML 2Page - Linear Technology LTC6905CS5 Datasheet HTML 3Page - Linear Technology LTC6905CS5 Datasheet HTML 4Page - Linear Technology LTC6905CS5 Datasheet HTML 5Page - Linear Technology LTC6905CS5 Datasheet HTML 6Page - Linear Technology LTC6905CS5 Datasheet HTML 7Page - Linear Technology LTC6905CS5 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LTC6905
5
6905fa
BLOCK DIAGRA
THEORY OF OPERATIO
As shown in the Block Diagram, the LTC6905’s master
oscillator is controlled by the ratio of the voltage between
the V+ and SET pins and the current entering the SET pin
(IRES). The voltage on the SET pin is forced to approxi-
mately 1V below V+ by the PMOS transistor and its gate
bias voltage.
A resistor RSET, connected between the V+ and SET pins,
“locks together” the voltage (V+ – VSET) and current, IRES,
variation. This provides the LTC6905’s high precision. The
master oscillation frequency reduces to:
f
MHz
k
R
MHz
MO
SET
=
Ω
+
168 5
10
15
.•
.
To extend the output frequency range, the master oscilla-
tor signal is divided by 1, 2 or 4 before driving OUT (Pin
5). The LTC6905 is optimized for use with resistors
between 10k and 25k, corresponding to oscillator fre-
quencies between 17.225MHz and 170MHz. The divide-
by value is determined by the state of the DIV input
(Pin 4). Tie DIV to V+ or drive it to within 0.4V of V+ to
select ÷1. This is the highest frequency range, with the
Figure 1. RSET vs Output Frequency
master output frequency passed directly to OUT. The DIV
pin may be floated or driven to midsupply to select ÷2, the
intermediate frequency range. The lowest frequency range,
÷4, is selected by tying DIV to GND or driving it below
0.5V. Figure 1 shows the relationship between RSET,
divider setting and output frequency, including the over-
lapping frequencies.
OUTPUT FREQUENCY (MHz)
10
15
20
÷4 ÷2
÷1
6905 F01
10
5
60
110
160
30
25
–
+
–
+
+
–
1
3
GAIN = 1
V+
VBIAS
IRES
IRES
RSET
SET
GND
MASTER OSCILLATOR
PROGRAMMABLE
DIVIDER
(÷1, 2 OR 4)
VRES = 1V ±5%
(V+ – VSET)
THREE-STATE
INPUT DETECT
GND
V+
15µA
6905 BD
15µA
OUT
DIVIDER
SELECT
5
DIV
4
2
fOSC =
fMO
N



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com