Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6905CS5 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC6905CS5
Description  17MHz to 170MHz Resistor Set SOT-23 Oscillator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6905CS5 Datasheet(HTML) 1 Page - Linear Technology

  LTC6905CS5 Datasheet HTML 1Page - Linear Technology LTC6905CS5 Datasheet HTML 2Page - Linear Technology LTC6905CS5 Datasheet HTML 3Page - Linear Technology LTC6905CS5 Datasheet HTML 4Page - Linear Technology LTC6905CS5 Datasheet HTML 5Page - Linear Technology LTC6905CS5 Datasheet HTML 6Page - Linear Technology LTC6905CS5 Datasheet HTML 7Page - Linear Technology LTC6905CS5 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LTC6905
1
6905fa
, LTC and LT are registered trademarks of Linear Technology Corporation. ThinSOT is a
trademark of Linear Technology Corporation. All other trademarks are the property of their
respective owners. Protected by U.S. Patents, including 6614313, 6342817.
■ One External Resistor Sets the Frequency
■ Fast Start-Up Time: 100
µs Typical
■
Frequency Range: 17MHz to 170MHz
■ Frequency Error ±0.5% Typ 17MHz to 170MHz
(TA = 0°C to 70°C, Over All Settings)
■ ±20ppm/°C Temperature Stability
■ Rise Time: 0.5ns, CL = 5pF
■ Timing Jitter: 50ps at 170MHz
■
50% ±2.5% Duty Cycle
■ 6mA Typical Supply Current, fOSC = 100MHz
■ CMOS Output Drives 500Ω Load (VS = 3V)
■
Operates from a Single 2.7V to 5.5V Supply
■ Low Profile (1mm) ThinSOT
TM Package
17MHz to 170MHz
Resistor Set SOT-23 Oscillator
■ High Frequency Precision Oscillator
■ High Speed Data Bus Clock
■ Fixed Crystal Oscillator Replacement
■
Ceramic Oscillator Replacement
The LTC
®6905 precision, programmable silicon oscillator
is easy to use and occupies very little board space. It
requires only a single resistor to set the output frequency
from 17MHz to 170MHz with a typical frequency error of
0.5% or less.
The LTC6905 operates with a single 2.7V to 5.5V power
supply and provides a rail-to-rail, 50% duty cycle square
wave output. The CMOS output driver ensures fast rise/fall
times and rail-to-rail switching. Operation is simple: A
single resistor, RSET, between 10K to 25K is used to set the
frequency, and an internal three-state divider (DIV input)
allows for division of the master clock by 1, 2 or 4,
providing three frequencies for each RSET value.
The LTC6905 features a proprietary feedback loop that
linearizes the relationship between RSET and frequency,
eliminating the need for tables to calculate frequency. The
oscillator can be easily programmed using the simple
formula outlined below:
f
MHz
k
R
MHz
N
N
Open
OSC
SET
=
Ω
+
⎛
⎝
⎜
⎞
⎠
⎟
=
⎧
⎨
⎪
⎩
⎪
=
=
=
+
168 5
10
15
1
1
2
4
.•
.• ,
,
,
,
DIV Pin
V
DIV Pin
DIV Pin
GND
For higher accuracy, fixed frequency versions that include
an internal frequency-setting resistor, see the LTC6905-
XXX Series datasheet.
Basic Connection
Typical Distribution of Frequency Error, TA = 25°C
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO
V+
1
2
3
5
17.225MHz ≤ fOSC ≤ 170MHz
5V
5V
10k ≤ RSET ≤ 25k
0.1µF
6905 TA01
4
GND
LTC6905
SET
OUT
DIV
OPEN
÷2
÷1
÷4
% ERROR
–0.5
0
10
20
30
40
50
60
NOTE: RESISTOR, RSET, TOLERANCE WILL ADD
TO THE FREQUENCY ERROR
–0.3
–0.1
0.1
0.3
6905 TA02
0.5
V+ = 3V
RSET = 12k
DIV = 1


Similar Part No. - LTC6905CS5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6905CS5-100 LINER-LTC6905CS5-100 Datasheet
150Kb / 8P
Fixed Frequency SOT-23 Oscillator
LTC6905CS5-133 LINER-LTC6905CS5-133 Datasheet
150Kb / 8P
Fixed Frequency SOT-23 Oscillator
LTC6905CS5-80 LINER-LTC6905CS5-80 Datasheet
150Kb / 8P
Fixed Frequency SOT-23 Oscillator
LTC6905CS5-96 LINER-LTC6905CS5-96 Datasheet
150Kb / 8P
Fixed Frequency SOT-23 Oscillator
More results

Similar Description - LTC6905CS5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1799 LINER-LT1799 Datasheet
120Kb / 4P
1kHz to 30MHz Resistor Set SOT-23 Oscillator
LTC6900 LINER-LTC6900 Datasheet
187Kb / 12P
Low Power, 1kHz to 20MHz Resistor Set SOT-23 Oscillator
LTC6906 LINER-LTC6906 Datasheet
173Kb / 12P
Micropower, 10kHz to 1MHz Resistor Set Oscillator in SOT-23
LTC6907 LINER-LTC6907 Datasheet
170Kb / 12P
Micropower, 40kHz to 4MHz Resistor Set Oscillator in SOT-23
LTC6908-1 LINER-LTC6908-1 Datasheet
247Kb / 16P
Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
LTC6900 LINER-LTC6900_15 Datasheet
165Kb / 12P
Low Power, 1kHz to 20MHz Resistor Set SOT-23 Oscillator
LTC1799 LINER-LTC1799_15 Datasheet
242Kb / 14P
1kHz to 33MHz Resistor Set SOT-23 Oscillator
LTC6905 LINER-LTC6905_15 Datasheet
176Kb / 12P
17MHz to 170MHz Resistor Set SOT-23 Oscillator
LTC6906 LINER-LTC6906_15 Datasheet
174Kb / 14P
Micropower, 10kHz to 1MHz Resistor Set Oscillator in SOT-23
LTC6907 LINER-LTC6907_15 Datasheet
176Kb / 12P
Micropower, 40kHz to 4MHz Resistor Set Oscillator in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com