Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVSW319AT Datasheet(PDF) 4 Page - NICHIA CORPORATION

Part # NVSW319AT
Description  WHITE LED
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NVSW319AT Datasheet(HTML) 4 Page - NICHIA CORPORATION

  NVSW319AT Datasheet HTML 1Page - NICHIA CORPORATION NVSW319AT Datasheet HTML 2Page - NICHIA CORPORATION NVSW319AT Datasheet HTML 3Page - NICHIA CORPORATION NVSW319AT Datasheet HTML 4Page - NICHIA CORPORATION NVSW319AT Datasheet HTML 5Page - NICHIA CORPORATION NVSW319AT Datasheet HTML 6Page - NICHIA CORPORATION NVSW319AT Datasheet HTML 7Page - NICHIA CORPORATION NVSW319AT Datasheet HTML 8Page - NICHIA CORPORATION NVSW319AT Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
NICHIA STS-DA1-4487B <Cat.No.170321>
3
RANKS
Item
Rank
Condition
Min
Max
Unit
Forward Voltage
M1
IF=1050mA
3.1
3.3
V
L2
2.9
3.1
L1
2.7
2.9
Luminous Flux
D480f2
IF=1050mA
480
520
lm
D440f2
440
480
D400f2
400
440
D360f2
360
400
D320f2
320
360
Color Rendering Index
R70
Ra
IF=1050mA
70
-
-
R8000
Ra
80
-
-
R9
0
-
-
Color Ranks(IF=1050mA)
The color rank has a chromaticity range within a 3-step MacAdam ellipse.
Rank
sm273
Rank
sm303
Rank
sm353
Rank
sm403
Rank
sm453
Rank
sm503
Color Temperature
(Unit: K)
TCP
2700
3000
3500
4000
4500
5000
Center Point
x
0.4578
0.4338
0.4073
0.3818
0.3611
0.3447
y
0.4101
0.4030
0.3917
0.3797
0.3658
0.3553
Minor Axis
a
0.004056
0.004107
0.004098
0.004071
0.003852
0.003555
Major Axis
b
0.007872
0.008391
0.008796
0.009282
0.009009
0.008418
Ellipse Rotation Angle
Φ
-36.05
-36.00
-35.47
-35.95
-34.33
-31.78
Rank
sm573
Rank
sm653
Color Temperature
(Unit: K)
TCP
5700
6500
Center Point
x
0.3287
0.3123
y
0.3417
0.3282
Minor Axis
a
0.003087
0.002709
Major Axis
b
0.007809
0.006561
Ellipse Rotation Angle
Φ
-31.56
-32.35
The color rank has a chromaticity range within a 5-step MacAdam ellipse.
Rank
sm2750a
Rank
sm2750b
Rank
sm2750c
Rank
sm2750d
Rank
sm2750e
Rank
sm2750f
Color Temperature
(Unit: K)
TCP
2700
Center Point
x
0.4578
y
0.4101
Minor Axis
a
0.006760
Major Axis
b
0.013120
Ellipse Rotation Angle
Φ
-36.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com