Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVSW319AT Datasheet(PDF) 21 Page - NICHIA CORPORATION

Part # NVSW319AT
Description  WHITE LED
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NVSW319AT Datasheet(HTML) 21 Page - NICHIA CORPORATION

Back Button NVSW319AT Datasheet HTML 17Page - NICHIA CORPORATION NVSW319AT Datasheet HTML 18Page - NICHIA CORPORATION NVSW319AT Datasheet HTML 19Page - NICHIA CORPORATION NVSW319AT Datasheet HTML 20Page - NICHIA CORPORATION NVSW319AT Datasheet HTML 21Page - NICHIA CORPORATION NVSW319AT Datasheet HTML 22Page - NICHIA CORPORATION NVSW319AT Datasheet HTML 23Page - NICHIA CORPORATION NVSW319AT Datasheet HTML 24Page - NICHIA CORPORATION NVSW319AT Datasheet HTML 25Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
NICHIA STS-DA1-4487B <Cat.No.170321>
20
TAPE AND REEL DIMENSIONS
Nxxx319x
STS-DA7-10265
ーピン 部 Tape
8
±0.1
2
±0.054±0.1
-0
Φ1.5+0.1
(単位 Unit: mm)
管理番号 No.
ー 部/ ーダ部 Trailer and Leader
ップカ
ー ープ
し方向
Embossed Carrier Tape
エンボ キャ
ープ
Top Cover Tape
Feed
Direction
ーダ部最小400mm
Leader without Top Cover Tape 400mm MIN
ー 部最小160mm 空部
Trailer 160mm MIN(Empty Pockets)
LED装着部
Loaded Pockets
し部最小100mm 空部
Leader with Top Cover Tape
100mm MIN(Empty Pocket)
* 数量
1 ー
3500個入
Reel Size: 3500pcs
* 実装作業中断
エンボ キャ
ープ
巻 取 場合
エンボ キャ
ープ 強く(10N
)締
さい
LED
ー ープ 貼 付く可能性あ ます
When the tape is rewound due to work interruptions,
no more than 10N should be applied to
the embossed carrier tape.
The LEDs may stick to the top cover tape.
* JIS C 0806電子部品 ーピン
準し います
The tape packing method complies with JIS C 0806
(Packaging of Electronic Components on Continuous Tapes).
部 Reel
330
±2
Label
Φ
21 ±
0.8
17.5
±1
13.5
±1
3.7
±0.1
2.35
±0.1
0.35
±0.05
Cathode Mark
-0
Φ1.5+0.2
(0.08
ー部)
(0.08 Crossbar Reduction)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com