Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVSW319AT Datasheet(PDF) 24 Page - NICHIA CORPORATION

Part # NVSW319AT
Description  WHITE LED
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NVSW319AT Datasheet(HTML) 24 Page - NICHIA CORPORATION

Back Button NVSW319AT Datasheet HTML 20Page - NICHIA CORPORATION NVSW319AT Datasheet HTML 21Page - NICHIA CORPORATION NVSW319AT Datasheet HTML 22Page - NICHIA CORPORATION NVSW319AT Datasheet HTML 23Page - NICHIA CORPORATION NVSW319AT Datasheet HTML 24Page - NICHIA CORPORATION NVSW319AT Datasheet HTML 25Page - NICHIA CORPORATION NVSW319AT Datasheet HTML 26Page - NICHIA CORPORATION NVSW319AT Datasheet HTML 27Page - NICHIA CORPORATION NVSW319AT Datasheet HTML 28Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
NICHIA STS-DA1-4487B <Cat.No.170321>
23
DERATING CHARACTERISTICS
NVSW319A
管理番号 No. STS-DA7-10251
0
1000
2000
3000
4000
5000
0
20
40
60
80
100
120
Derating1
(86, 2000)
(55, 2000)
(23, 2000)
(100, 1580)
(100, 1050)
(100, 790)
0
1000
2000
3000
4000
5000
0
20
40
60
80
100
120
Derating2
(100, 2000)
0
500
1000
1500
2000
2500
3000
0
20
40
60
80
100
Duty
2400
接合部温
(
カソー 側)-許容
電流特性
Solder Temperature(Cathode Side) vs
Allowable Forward Current
周囲温
-
許容
電流特性
Ambient Temperature vs
Allowable Forward Current
接合部温
(
カソー側)
Solder Temperature(Cathode Side)(°C)
周囲温
Ambient Temperature(°C)
ュー
ー比
Duty Ratio(%)
ュー
ー比-許容
電流特性
Duty Ratio vs
Allowable Forward Current
T
A =25°C
10°C/W
15°C/W
20°C/W
θJA
R
=
θJA
R
=
θJA
R
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com