Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXI848 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXI848
Description  High-Side Current Monitor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXI848 Datasheet(HTML) 3 Page - IXYS Corporation

  IXI848 Datasheet HTML 1Page - IXYS Corporation IXI848 Datasheet HTML 2Page - IXYS Corporation IXI848 Datasheet HTML 3Page - IXYS Corporation IXI848 Datasheet HTML 4Page - IXYS Corporation IXI848 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
IXYS
www.ixys.com
3
06/29/05
IXI848
Pin Description and Configuration
SOIC
Name
Description
1
GND
Ground
2
R10
Connecting R10 to GND, (R50=N/C) selects a VOUT voltage that is 10X the voltage across
RSENSE.
3
VOUT
Output voltage proportional to the voltage across RSENSE.
4
IN
Positive supply terminal and power connection for the external Sense Resistor.
5
LOAD
Load-side connection to the external Sense Resistor.
6
N/C
No Connect
7
N/C
No Connect
8
R50
Connecting R50 to GND, (R10=N/C) selects a VOUT voltage that is 50X the voltage across
RSENSE.
Detailed Circuit Description
The IXI848 is a precision high side current sense
monitor featuring an input voltage range of 2.7V to
40V, and a selectable ground referenced fixed
gain output of either 10 or 50.
A small voltage developed across an external
sense resistor (RS), is converted to an amplified
ground referenced voltage output at VOUT,
(Figure 1). The amplifier’s non-inverting input is
high impedance making the voltage at that
terminal equal to VIN – (IL) (RS). The amplifier
forces the high impedance inverting terminal to
equal the non-inverting input voltage by turning on
the P-Channel MOS FET.
As the P-Channel MOS FET is biased on by the
amplifier output, current is sourced through RG
(10R or 10R+40R), to produce a voltage equal to
VIN – (IL) (RS) at the inverting input of the amplifier.
This develops a voltage across the inverting input
resistor, R that matches the sense voltage across
RS, plus any associated input offset voltage, (VIO).
Consequently, the voltage at VOUT corresponds
to RG / R.
Output: VOUT = G [ (IL) (RS) + VIO ]
Gain:
G = (RG) (ZM) / R (RG (RG + ZM))
RG = 10R or 50R selectable
Temperature coefficient:
(all on-chip resistors) R = 700ppm / °C typical
RSENSE Component Selection
The RSENSE value should be selected such that the
voltage across RSENSE is at full-scale for the load
current to be monitored. Operating the IXI848 at or
near the full-scale sense voltage will minimize the
error component associated with the input offset
voltage of the internal op amp.
The IXI848 can be configured to measure a wide
selection of currents by using different RSENSE
values. Some common values for typical operation
of the IXI848 are listed in the following table.
Full-Scale
IL (A)
RSENSE
RS (Ω)
Gain
(V/V)
VOUT (V)
VSENSE = 150mV
0.15
1.0
10
1.5
1.5
0.1
10
1.5
5
0.01
50
2.5
100
0.001
50
5
Output Impedance
The VOUT output is a current source driving a
33kΩ resistance to ground for a gain of 10, or a
165kΩ resistance to ground for a gain of 50.
Output gain is reduced by resistive loading of the
VOUT terminal. The impedance of the external
monitor load (ZM) should be chosen high enough
to maintain the desired accuracy. Buffering of the
VOUT terminal with a high-impedance input stage
may be required to minimize output errors.
The following formulas quantify the percent error
introduced by output loading:
For a Gain of 10
%ERROR = 100 [RLOAD / (33kΩ + RLOAD) – 1]
For a Gain of 50
%ERROR = 100 [RLOAD / (165kΩ + RLOAD) – 1]
RLOAD = the external load applied to VOUT



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com