Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXI848 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXI848
Description  High-Side Current Monitor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXI848 Datasheet(HTML) 1 Page - IXYS Corporation

  IXI848 Datasheet HTML 1Page - IXYS Corporation IXI848 Datasheet HTML 2Page - IXYS Corporation IXI848 Datasheet HTML 3Page - IXYS Corporation IXI848 Datasheet HTML 4Page - IXYS Corporation IXI848 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
High-Side Current Monitor
IXYS
Copyright © IXYS CORPORATION 2005
06/29/05
IXI848
Features:
• High-Side Current Sense Amplifier
• 2.7V to 40V Input Range
• 0.7% Typical Full Scale Accuracy
• Scalable Output Voltage
• SOIC Package
Applications:
• Power Management Systems
• Smart Battery Packs
• Battery Chargers
• Battery Powered Portable Equipment
• DC Motor Control
General Description
The IXI848 is a precision high side current sense
monitor. High side power-line monitoring offers the
advantage of allowing the ground plane to remain
undisturbed when sensing load currents.
An external sense resistor sets the range of the
amplified
ground-referenced
output
monitoring
voltage. The output voltage is amplified by a
selectable fixed gain of either 10 or 50. With an
input voltage range up to 40V, and output gain of up
to 50, the IXI848 is designed to address a wide
variety of current sense applications.
The IXI848 operates over a temperature range of
-40°C to +85°C. The IXI848 is available in an 8-
Lead SOIC package.
IXI848 Functional Block Diagram and
IXI848 SOIC PIN Configuration
General Application Circuit
Ordering Information
5
4
1
3
2
8
R10
R50
VOUT
GND
LOAD
IN
IL
LOAD
Rs
R
10R
40R
Zm
+
-
R
G
R
G
SOIC-8
1
2
3
4
8
7
6
5
VOUT
R10
R50
GND
IN
LOAD
N/C
N/C
Part No.
Description
Package Quantity
IXI848S1
SOIC-8
98
(Tube)
XI848S1T/R
High Side Current
Sense Monitor
SOIC-8
2500 (T&R)


Similar Part No. - IXI848

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXI848A IXYS-IXI848A Datasheet
235Kb / 5P
High-Side Current Monitor
IXI848AS1 IXYS-IXI848AS1 Datasheet
235Kb / 5P
High-Side Current Monitor
More results

Similar Description - IXI848

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCT1009 ZETEX-ZXCT1009 Datasheet
216Kb / 8P
HIGH-SIDE CURRENT MONITOR
ZXCT1009 ZETEX-ZXCT1009_05 Datasheet
851Kb / 8P
HIGH-SIDE CURRENT MONITOR
logo
Supertex, Inc
HV7801 SUTEX-HV7801 Datasheet
504Kb / 5P
High Side Current Monitor
logo
Zetex Semiconductors
ZXCT1009 ZETEX-ZXCT1009_07 Datasheet
241Kb / 9P
HIGH-SIDE CURRENT MONITOR
logo
Agamem Microelectronic ...
AA1850 AGAMEM-AA1850 Datasheet
157Kb / 6P
HIGH-SIDE CURRENT MONITOR
logo
Diodes Incorporated
ZXCT1009 DIODES-ZXCT1009 Datasheet
248Kb / 9P
HIGH-SIDE CURRENT MONITOR
JULY 2007
logo
Unisonic Technologies
UCM102 UTC-UCM102 Datasheet
134Kb / 4P
HIGH-SIDE CURRENT MONITOR
logo
Supertex, Inc
HV816K6-G SUTEX-HV816K6-G Datasheet
404Kb / 5P
High Side Current Monitor
logo
Unisonic Technologies
UCM102 UTC-UCM102_15 Datasheet
134Kb / 4P
HIGH-SIDE CURRENT MONITOR
logo
IXYS Corporation
IXI848A IXYS-IXI848A Datasheet
235Kb / 5P
High-Side Current Monitor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com