Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXI848 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXI848
Description  High-Side Current Monitor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXI848 Datasheet(HTML) 4 Page - IXYS Corporation

  IXI848 Datasheet HTML 1Page - IXYS Corporation IXI848 Datasheet HTML 2Page - IXYS Corporation IXI848 Datasheet HTML 3Page - IXYS Corporation IXI848 Datasheet HTML 4Page - IXYS Corporation IXI848 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IXYS
www.ixys.com
4
06/29/05
IXI848
Typical Performance Characteristics
.005
.025
.045
.065
.085
.105
.125
2.7
5
10
15
20
25
30
35
40
Supply Voltage (Vin)
.050
.055
.060
.065
.070
.075
.080
-40
-15
10
35
60
85
Ta (°C)
Vin=20V
Fig 3. Supply Current vs. Voltage
Fig 4. Supply Current vs. Temperature
5mV/Div
100mV
95mV
Vsense
20mV/Div
Vout
1V
0.95V
2uS/Div
C
L=8pF
Vin=12V
Gain=10
500mV/Div
45mV/Div
Vsense
6mV
100mV
C
L=8pF
Vout
1V
0.06V
Vin=12V
Gain=10
2uS/Div
Fig 5. Small Signal Transient Response 10X
Fig 6. Large Signal Transient Response 10X
Vsense
5mV/Div
Vout
100mV/Div
C
L=8pF
100mV
95mV
5V
4.75V
Vin=12V
10uS/Div
Gain=50
Vsense
45mV/Div
Vout
2V/Div
10uS/Div
100mV
6mV
5v
0.3V
C
L=8pF
Vin=12V
Gain=50
Fig 7. Small Signal Transient Response 50X
Fig 8. Large Signal Transient Response 50X



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com