Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5758 Datasheet(PDF) 39 Page - Analog Devices

Part # AD5758
Description  Single-Channel, 16-Bit Current and Voltage Output DAC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5758 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD5758 Datasheet HTML 35Page - Analog Devices AD5758 Datasheet HTML 36Page - Analog Devices AD5758 Datasheet HTML 37Page - Analog Devices AD5758 Datasheet HTML 38Page - Analog Devices AD5758 Datasheet HTML 39Page - Analog Devices AD5758 Datasheet HTML 40Page - Analog Devices AD5758 Datasheet HTML 41Page - Analog Devices AD5758 Datasheet HTML 42Page - Analog Devices AD5758 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
Data Sheet
AD5758
Rev. 0 | Page 39 of 72
SPI Interface SCLK Count Feature
An SCLK count feature is also built into the SPI diagnostics,
meaning that only SPI frames with exactly 32 SCLK falling
edges (32 or 24 if SPI CRC is disabled) are accepted by the
interface as a valid write. SPI frames of lengths other than these
values are ignored and the SCLK_COUNT_ERR flag asserts in
the DIGITAL_DIAG_RESULTS register.
Readback Modes
The AD5758 offers four readback modes, as follows:
Two stage readback mode
Autostatus readback mode
Shared SYNC autostatus readback mode
Echo mode
The two stage readback consists of a write to a dedicated
register, TWO_STAGE_READBACK_SELECT, to select the
register location to be read back. This write is followed by a no
operation (NOP) command, during which the contents of the
selected register are available on SDO.
Table 13. SDO Contents for Read Operation
MSB
LSB
[D31:D30] D29
[D28:24]
[D23:D8] [D7:D0]
0b10
FAULT pin status Register address
Data
CRC
Bits[D31:D30] = 0b10 are used for synchronization purposes
during readback.
If autostatus readback mode is selected, the contents of the status
register are available on the SDO line during every SPI transaction.
This feature allows the user to continuously monitor the status
register and act quickly in the case of a fault. The AD5758 powers
up with this feature disabled. When this feature is enabled, the
normal two stage readback feature is not available. Only the
status register is available on SDO. To read back any other
register, disable the automatic readback feature first before
following the two stage readback sequence. The automatic
status readback can be reenabled after the register is read back.
The shared SYNC autostatus readback is a special version of the
autostatus readback mode used to avoid SDO bus contention
when multiple devices are sharing the same SYNC line.
Echo mode behaves similarly to autostatus readback mode,
except that every second readback consists of an echo of the
previous command written to the AD5758 (see Figure 82). See
the Reading from Registers section for further details on the
readback modes.
PREVIOUS
COMMAND
STATUS
REGISTER
CONTENTS
PREVIOUS
COMMAND
Figure 82. SDO Contents, Echo Mode
WATCHDOG TIMER (WDT)
The WDT feature is useful to ensure that communication is not
lost between the system controller and the AD5758 and that the
SPI datapath lines function as expected.
When enabled, the WDT alerts the system if the AD5758 has not
received a specific SPI frame in the user-programmable timeout
period. When the specific SPI frame is received, the watchdog
resets the timer controlling the timeout alert. The SPI frame
used to reset the WDT is configurable as one of the two
following choices:
A specific key code write to the key register (default).
A valid SPI write to any register.
On a watchdog timeout event, a dedicated WDT_STATUS bit
in the status register, as well as a WDT_ERR bit in the DIGITAL_
DIAG_RESULTS register, alerts the user that the WDT timed
out. Note that, after a WDT timeout occurs, all writes to the
DAC_INPUT register, as well as the hardware or software
LDAC events, are ignored until the active WDT fault flag within
the DIGITAL_DIAG_RESULTS register clears.
After this flag clears, the WDT can be restarted by performing a
subsequent WDT reset command.
On power-up, the WDT is disabled by default. The default
timeout setting is 1 sec. The default method to reset the WDT is
to write one specific key and, on timeout, the default action is to
set the relevant flag bits and the FAULT pin. See Table 40 for the
specific register bit details to support the configurability of the
WDT operation.
USER DIGITAL OFFSET AND GAIN CONTROL
The AD5758 has a USER_GAIN register and a USER_OFFSET
register that allow trimming of the gain and offset errors from
the entire signal chain. The 16-bit USER_GAIN register allows
the user to adjust the gain of the DAC channel in steps of 1 LSB.
The USER_GAIN register coding is straight binary, as shown in
Table 14. The default code in the USER_GAIN register is 0xFFFF,
which results in no gain factor applied to the programmed output.
In theory, the gain can be tuned across the full range of the output.
In practice, the maximum recommended gain trim is approx-
imately 50% of the programmed range to maintain accuracy.
Table 14. Gain Register Adjustment
Gain Adjustment Factor
D15
D14 to D1
D0
1
1
1
1
65,535/65,536
1
1
0
…
…
…
…
2/65,536
0
0
1
1/65,536
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com