Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5758 Datasheet(PDF) 21 Page - Analog Devices

Part # AD5758
Description  Single-Channel, 16-Bit Current and Voltage Output DAC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5758 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5758 Datasheet HTML 17Page - Analog Devices AD5758 Datasheet HTML 18Page - Analog Devices AD5758 Datasheet HTML 19Page - Analog Devices AD5758 Datasheet HTML 20Page - Analog Devices AD5758 Datasheet HTML 21Page - Analog Devices AD5758 Datasheet HTML 22Page - Analog Devices AD5758 Datasheet HTML 23Page - Analog Devices AD5758 Datasheet HTML 24Page - Analog Devices AD5758 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
Data Sheet
AD5758
Rev. 0 | Page 21 of 72
CURRENT OUTPUTS
–0.002
–0.001
0
0.001
0.002
0.003
0.004
0
8192
16384 24576 32768 40960 49152 57344 65536
CODE
4mA TO 20mA, EXTERNAL RSET
4mA TO 20mA, INTERNAL RSET
4mA TO 20mA, EXTERNAL RSET, WITH DC-TO-DC CONVERTER
4mA TO 20mA, INTERNAL RSET, WITH DC-TO-DC CONVERTER
AVDD = +15V
AVSS = –15V
TA =25°C
300Ω LOAD
Figure 31. INL Error vs. DAC Code
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
0
8192
16384 24576 32768 40960 49152 57344 65536
CODE
4mA TO 20mA, EXTERNAL RSET
4mA TO 20mA, INTERNAL RSET
4mA TO 20mA, EXTERNAL RSET, WITH DC-TO-DC CONVERTER
4mA TO 20mA, INTERNAL RSET, WITH DC-TO-DC CONVERTER
Figure 32. DNL Error vs. DAC Code
4mA TO 20mA, EXTERNAL RSET
4mA TO 20mA, INTERNAL RSET
–0.020
–0.015
–0.010
–0.005
0
0.005
0.010
0.015
0
8192
16384 24576 32768 40960 49152 57344 65536
CODE
4mA TO 20mA, EXTERNAL RSET, WITH DC-TO-DC CONVERTER
4mA TO 20mA, INTERNAL RSET, WITH DC-TO-DC CONVERTER
Figure 33. Total Unadjusted Error vs. DAC Code
TEMPERATURE (°C)
–0.005
–0.004
–0.003
–0.002
–0.001
0
0.001
0.002
–40
25
70
105
125
0mA TO 20mA RANGE, MIN INL
0mA TO 24mA RANGE, MIN INL
4mA TO 20mA RANGE, MIN INL
±24mA RANGE, MIN INL
0mA TO 20mA RANGE, MAX INL
0mA TO 24mA RANGE, MAX INL
4mA TO 20mA RANGE, MAX INL
±24mA RANGE, MAX INL
AVDD1 = +15V
AVSS = –15V
Figure 34. INL Error vs. Temperature, Internal RSET
–0.006
–0.005
–0.004
–0.003
–0.002
–0.001
0
0.001
0.002
0.003
–40
25
70
105
125
TEMPERATURE (ºC)
AVDD1 = +15V
AVSS = –15V
0mA TO 20mA RANGE, INL MAX
0mA TO 24mA RANGE, INL MAX
4mA TO 20mA RANGE, INL MAX
±24mA RANGE, INL MAX
0mA TO 20mA RANGE, INL MIN
0mA TO 24mA RANGE, INL MIN
4mA TO 20mA RANGE, INL MIN
±24mA RANGE, INL MIN
Figure 35. INL Error vs. Temperature, External RSET
–0.002
–0.001
0
0.001
0.002
0.003
0.004
0
8192
16384 24576 32768 40960 49152 57344 65536
CODE
4mA TO 20mA, EXTERNAL RSET
4mA TO 20mA, INTERNAL RSET
4mA TO 20mA, EXTERNAL RSET, WITH DC-TO-DC CONVERTER
4mA TO 20mA, INTERNAL RSET, WITH DC-TO-DC CONVERTER
AVDD = +15V
AVSS = –15V
TA =25°C
300Ω LOAD
Figure 36. DNL vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com