Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5758 Datasheet(PDF) 40 Page - Analog Devices

Part # AD5758
Description  Single-Channel, 16-Bit Current and Voltage Output DAC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5758 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD5758 Datasheet HTML 36Page - Analog Devices AD5758 Datasheet HTML 37Page - Analog Devices AD5758 Datasheet HTML 38Page - Analog Devices AD5758 Datasheet HTML 39Page - Analog Devices AD5758 Datasheet HTML 40Page - Analog Devices AD5758 Datasheet HTML 41Page - Analog Devices AD5758 Datasheet HTML 42Page - Analog Devices AD5758 Datasheet HTML 43Page - Analog Devices AD5758 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 72 page
background image
AD5758
Data Sheet
Rev. 0 | Page 40 of 72
The 16-bit USER_OFFSET register allows the user to adjust the
offset of the DAC channel by −32,768 LSBs to +32,768 LSBs in
steps of 1 LSB. The USER_OFFSET register coding is straight
binary, as shown in Table 15. The default code in the USER_
OFFSET register is 0x8000, which results in zero offset
programmed to the output.
Table 15. Offset Register Adjustment
Gain Adjustment
D15
D13 to D2
D0
+32,768 LSBs
1
1
1
+32,767 LSBs
1
1
0
…
…
…
…
No Adjustment (Default)
1
0
0
…
…
…
…
−32,767 LSBs
0
0
1
−32,768 LSBs
0
0
0
The value (in decimal) that is written to the internal DAC
register can be calculated by
15
16
2
2
)
1
(
_
C
M
D
Code
DAC
(1)
where:
D
is the code loaded to the DAC_INPUT register.
M
is the code in the USER_GAIN register (default code = 216 − 1).
C
is the code in the USER_OFFSET register (default code = 215).
Data from the DAC_INPUT register is processed by a digital
multiplier and adder, controlled by the contents of the user gain
and USER_OFFSET registers, respectively. The calibrated DAC
data is then loaded to the DAC, dependent on the state of the
LDAC pin.
Each time data is written to the USER_GAIN or USER_
OFFSET register, the DAC output is not automatically updated.
Instead, the next write to the DAC_INPUT register uses these
user gain and user offset values to perform a new calibration
and automatically updates the channel. The read only DAC_
OUTPUT register represents the value currently available at the
DAC output, except in the case of user gain and user offset
calibration. In this case, the DAC_OUTPUT register represents
the DAC data input by the user, on which the calibration is
performed and not the result of the calibration.
Both the USER_GAIN register and the USER_OFFSET register
have 16 bits of resolution. The correct method to calibrate the
gain and offset is to first calibrate the gain and then calibrate the
offset.
DAC OUTPUT UPDATE AND DATA INTEGRITY
DIAGNOSTICS
Figure 83 shows a simplified version of the DAC input loading
circuitry. If used, the USER_GAIN and USER_OFFSET registers
must be updated before writing to the DAC_INPUT register.
VIOUT
INTERFACE LOGIC
OUTPUT
AMPLIFIER
SDO
SDI
16-BIT
DAC
REFIN
SYNC
LDAC
(HARDWARE OR SOFTWARE)
DAC INPUT
REGISTER
USER
GAIN AND OFFSET
CALIBRATION
SCLK
DAC OUTPUT
REGISTER
(READ ONLY)
CLEAR CODE
REGISTER
CLEAR EVENT
(WDT TIMEOUT)
Figure 83. Simplified Serial Interface of Input Loading Circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com