Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4267CDHC Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4267CDHC
Description  Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4267CDHC Datasheet(HTML) 1 Page - Linear Technology

  LTC4267CDHC Datasheet HTML 1Page - Linear Technology LTC4267CDHC Datasheet HTML 2Page - Linear Technology LTC4267CDHC Datasheet HTML 3Page - Linear Technology LTC4267CDHC Datasheet HTML 4Page - Linear Technology LTC4267CDHC Datasheet HTML 5Page - Linear Technology LTC4267CDHC Datasheet HTML 6Page - Linear Technology LTC4267CDHC Datasheet HTML 7Page - Linear Technology LTC4267CDHC Datasheet HTML 8Page - Linear Technology LTC4267CDHC Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LTC4267
1
4267f
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
Class 2 PD with 3.3V Isolated Power Supply
802 is a registered trademark of Institute of Electrical and Electronics Engineers, Inc.
PVCC
PWRGD
NGATE
SENSE
ITH/RUN
VFB
PGND
POUT
VPORTP
RCLASS
SIGDISA
VPORTN
LTC4267
+
+
RCLASS
68.1
Ω
1%
5µF
MIN
10k
470
100k
60.4k
PVCC
PVCC
4.7µF
320µF
22nF
•
•
PA1133
PS2911
BA5516
TLV431
SBM1040
SMAJ58A
3.3V
1.5A
CHASSIS
HD01
+
–
+
–
HD01
–48V
FROM
DATA PAIR
–48V
FROM
SPARE PAIR
4267 TA01
Si3440
0.1
Ω
6.8k
10k
0.1µF
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Power over Ethernet
IEEE 802.3af PD Interface with
Integrated Switching Regulator
The LTC
®4267 combines an IEEE 802.3af compliant Pow-
ered Device (PD) interface with a current mode switching
regulator, providing a complete power solution for PD
applications. The LTC4267 integrates the 25kΩ signature
resistor, classification current source, thermal overload pro-
tection, signature disable and power good signal along with
an undervoltage lockout optimized for use with the IEEE-
required diode bridge. The precision dual level input current
limit allows the LTC4267 to charge large load capacitors
and interface with legacy PoE systems.
The current mode switching regulator is designed for
driving a 6V rated N-channel MOSFET and features pro-
grammable slope compensation, soft-start, and constant
frequency operation, minimizing noise even with light
loads. The LTC4267 includes an onboard error amplifier
and voltage reference allowing use in both isolated and
nonisolated configurations.
The LTC4267 is available in space saving, low profile
16-pin SSOP or DFN packages.
■
IP Phone Power Management
■
Wireless Access Points
■
Security Cameras
■
Power over Ethernet
■
Complete Power Interface Port for IEEE 802
®.3af
Powered Device (PD)
■
Onboard 100V, 400mA UVLO Switch
■
Precision Dual Level Inrush Current Limit
■
Integrated Current Mode Switching Regulator
■
Onboard 25kΩ Signature Resistor with Disable
■
Programmable Classification Current (Class 0-4)
■
Thermal Overload Protection
■
Power Good Signal
■
Integrated Error Amplifier and Voltage Reference
■
Low Profile 16-Pin SSOP and 3mm × 5mm DFN
Packages


Similar Part No. - LTC4267CDHC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4267CDHC LINER-LTC4267CDHC Datasheet
1Mb / 32P
Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
logo
Linear Integrated Syste...
LTC4267CDHC LINEAR-LTC4267CDHC Datasheet
1Mb / 32P
Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
logo
Linear Technology
LTC4267CDHC-3 LINER-LTC4267CDHC-3 Datasheet
1Mb / 32P
Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
More results

Similar Description - LTC4267CDHC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4257 LINER-LTC4257 Datasheet
263Kb / 20P
IEEE 802.3af PD Power over Ethernet Interface Controller
LTC4267-1 LINER-LTC4267-1 Datasheet
903Kb / 32P
Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267-3 LINER-LTC4267-3 Datasheet
715Kb / 32P
Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267CDHC-3 LINER-LTC4267CDHC-3 Datasheet
1Mb / 32P
Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
logo
Linear Integrated Syste...
LTC4267IGN-3 LINEAR-LTC4267IGN-3 Datasheet
1Mb / 32P
Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
logo
Linear Technology
LTC4257 LINER-LTC4257_15 Datasheet
269Kb / 20P
IEEE 802.3af PD Power over Ethernet Interface Controller
LTC4267 LINER-LTC4267_15 Datasheet
2Mb / 32P
Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267-1 LINER-LTC4267-1_15 Datasheet
378Kb / 32P
Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267-3 LINER-LTC4267-3_15 Datasheet
394Kb / 34P
Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
logo
Maxim Integrated Produc...
MAX5940 MAXIM-MAX5940 Datasheet
248Kb / 15P
IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
19-2991; Rev 2; 2/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com