Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4267CDHC Datasheet(PDF) 28 Page - Linear Technology

Part # LTC4267CDHC
Description  Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4267CDHC Datasheet(HTML) 28 Page - Linear Technology

Back Button LTC4267CDHC Datasheet HTML 24Page - Linear Technology LTC4267CDHC Datasheet HTML 25Page - Linear Technology LTC4267CDHC Datasheet HTML 26Page - Linear Technology LTC4267CDHC Datasheet HTML 27Page - Linear Technology LTC4267CDHC Datasheet HTML 28Page - Linear Technology LTC4267CDHC Datasheet HTML 29Page - Linear Technology LTC4267CDHC Datasheet HTML 30Page - Linear Technology LTC4267CDHC Datasheet HTML 31Page - Linear Technology LTC4267CDHC Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
LTC4267
28
4267f
A High-Efficiency Class 3 PD with 3.3V Isolated Power Supply
TYPICAL APPLICATIO S
PVCC
NGATE
SENSE
ITH/RUN
PWRGD
VFB
VPORTP
RCLASS
SIGDISA
VPORTN
LTC4267
45.3
Ω
1%
220k
330Ω
220k
PVCC
4.7µF
SMAJ58A
MMSD4148
PULSE
PA1136
MMSD4148
BAS516
BAS516
MMTBA42
–48V
FROM
DATA PAIR
–48V
FROM
SPARE PAIR
Si3440
2N7002
PVCC
100k
PVCC
6.8k
10k
10k
0.1µF
5µF*
MIN
B1100
(8 PLACES)
POUT
PGND
9.1V
150pF
510Ω
500
Ω
0.068
Ω
1%
100k
1%
60.4k
1%
570µF**
33nF
•
10
Ω
470pF
2200pF
“Y” CAP
250VAC
PS2911
TLV431
SBM1040
3.3V
2.6A
CHASSIS
4267 TA02
*1µF CERAMIC + 4.7µF TANTALUM
**100µF CERAMIC + 470µF TANTALUM
BAS516



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com