Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4267CDHC Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4267CDHC
Description  Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4267CDHC Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4267CDHC Datasheet HTML 10Page - Linear Technology LTC4267CDHC Datasheet HTML 11Page - Linear Technology LTC4267CDHC Datasheet HTML 12Page - Linear Technology LTC4267CDHC Datasheet HTML 13Page - Linear Technology LTC4267CDHC Datasheet HTML 14Page - Linear Technology LTC4267CDHC Datasheet HTML 15Page - Linear Technology LTC4267CDHC Datasheet HTML 16Page - Linear Technology LTC4267CDHC Datasheet HTML 17Page - Linear Technology LTC4267CDHC Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
LTC4267
14
4267f
PWRGD
C1
5µF
MIN
VPORTN
POUT
1.125V
300k
300k
R9
100k
LTC4267
THERMAL SHUTDOWN
UVLO
4267 F06
TO
PSE
+
–
+
+
–
ITH/RUN
PGND
PGND
the LTC4267 will attempt to quickly charge capacitor C1
using an internal secondary current limit circuit. In this
scenario, the PSE current limit should provide the overall
limit for the circuit. For slower rising inputs, the 375mA
current limit in the LTC4267 will set the charge rate of the
capacitor C1. In either case, the ⎯P⎯W⎯R⎯G⎯D signal may go
inactive briefly while the capacitor is charged up to the
new line voltage. In the design of a PD, it is necessary
to determine if a step in the input voltage will cause the
⎯P⎯W⎯R⎯G⎯D signal to go inactive and how to respond to this
event. In some designs, it may be desirable to filter the
⎯P⎯W⎯R⎯G⎯D signal so that intermittent power bad conditions
are ignored. Figure 7 demonstrates a method to insert a
lowpass filter on the power good interface.
For PD designs that use a large load capacitor and also
consume a lot of power, it is important to delay activation
of the switching regulator with the ⎯P⎯W⎯R⎯G⎯D signal. If the
regulator is not disabled during the current-limited turn-on
sequence, the PD circuitry will rob current intended for
charging up the load capacitor and create a slow rising
input, possibly causing the LTC4267 to go into thermal
shutdown.
The ⎯P⎯W⎯R⎯G⎯D pin connects to an internal open drain, 100V
transistor capable of sinking 1mA. Low impedance to
VPORTN indicates power is good. ⎯P⎯W⎯R⎯G⎯D is high imped-
ance during signature and classification probing and in
the event of a thermal overload. During turn-off, ⎯P⎯W⎯R⎯G⎯D
is deactivated when the input voltage drops below 30V.
In addition, ⎯P⎯W⎯R⎯G⎯D may go active briefly at turn-on for
fast rising input waveforms. ⎯P⎯W⎯R⎯G⎯D is referenced to the
VPORTN pin and when active, will be near the VPORTN po-
tential. Connect the ⎯P⎯W⎯R⎯G⎯D pin to the switching regulator
circuitry as shown in Figure 7.
Figure 6. LTC4267 Power Good
APPLICATIO S I FOR ATIO
Figure 7. Power Good Interface Examples
PD Interface Thermal Protection
The LTC4267 PD Interface includes thermal overload
protection in order to provide full device functionality
in a miniature package while maintaining safe operat-
ing temperatures. Several factors create the possibility
of significant power dissipation within the LTC4267. At
turn-on, before the load capacitor has charged up, the
instantaneous power dissipated by the LTC4267 can be
as much as 10W. As the load capacitor charges up, the
power dissipation in the LTC4267 will decrease until it
reaches a steady-state value dependent on the DC load
current. The size of the load capacitor determines how
fast the power dissipation in the LTC4267 will subside. At
room temperature, the LTC4267 can typically handle load
capacitors as large as 800µF without going into thermal
shutdown. With large load capacitors, the LTC4267 die
temperature will increase by as much as 50°C during a
single turn-on sequence. If for some reason power were
removed from the part and then quickly reapplied so that
the LTC4267 had to charge up the load capacitor again, the
temperature rise would be excessive if safety precautions
were not implemented.
The LTC4267 PD interface protects itself from thermal
damage by monitoring the die temperature. If the die
4267 F07
LTC4267
VPORTN
POUT
PGND
VPORTP
ITH/RUN
ITH/RUN
TO
PSE
–48V
+
C1
5µF
100V
ALTERNATE ACTIVE-HIGH ENABLE FOR PVCC PIN
SEE APPLICATIONS INFORMATION SECTION
ACTIVE-HIGH ENABLE FOR RUN PIN WITH INTERNAL PULL-UP
R18
10k
R9
100k
D6
MMBD4148
C15
0.047µF
Q1
2N7002
LTC3803
GND
OPTIONAL
AUXILIARY
SWITCHING
REGULATOR
PWRGD
PGND
LTC4267
VPORTN
POUT
PGND
VPORTP
PVCC
TO
PSE
–48V
+
C1
5µF
100V
R18
10k
R9
100k
D6
MMBD4148
C15
0.047µF
Q1
2N7002
PWRGD
PGND
RSTART
CPVCC
C17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com