Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RP60Q-RUW Datasheet(PDF) 10 Page - Recom International Power

Part # RP60Q-RUW
Description  60 Watt Quarter Brick Single Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP60Q-RUW Datasheet(HTML) 10 Page - Recom International Power

Back Button RP60Q-RUW Datasheet HTML 2Page - Recom International Power RP60Q-RUW Datasheet HTML 3Page - Recom International Power RP60Q-RUW Datasheet HTML 4Page - Recom International Power RP60Q-RUW Datasheet HTML 5Page - Recom International Power RP60Q-RUW Datasheet HTML 6Page - Recom International Power RP60Q-RUW Datasheet HTML 7Page - Recom International Power RP60Q-RUW Datasheet HTML 8Page - Recom International Power RP60Q-RUW Datasheet HTML 9Page - Recom International Power RP60Q-RUW Datasheet HTML 10Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
www.recom-power.com
REV.: 0/2018
PB-10
DC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
RP60Q-RUW
Series
The product information and specifications may be subject to changes even without prior written notice.The product has been designed for various applications; its suitability lies in the responsibility of each customer. The
products are not authorized for use in safety-critical applications without RECOM’s explicit written consent. A safety-critical application is an application where a failure may reasonably be expected to endanger or cause
loss of life, inflict bodily harm or damage property. The applicant shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized
use of RECOM products in such safety-critical applications.
PACKAGING INFORMATION
Parameter
Type
Value
Packaging Dimension
tray
without Heat-sink
with Heat-sink
157.0 x 88.0 x 12.8mm
157.0 x 88.0 x 24.8mm
Packaging Quantity
2pcs
Storage Temperature Range
-55°C to +125°C
Storage Humidity
5% - 95% RH



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com