Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RP60Q-RUW Datasheet(PDF) 5 Page - Recom International Power

Part # RP60Q-RUW
Description  60 Watt Quarter Brick Single Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP60Q-RUW Datasheet(HTML) 5 Page - Recom International Power

  RP60Q-RUW Datasheet HTML 1Page - Recom International Power RP60Q-RUW Datasheet HTML 2Page - Recom International Power RP60Q-RUW Datasheet HTML 3Page - Recom International Power RP60Q-RUW Datasheet HTML 4Page - Recom International Power RP60Q-RUW Datasheet HTML 5Page - Recom International Power RP60Q-RUW Datasheet HTML 6Page - Recom International Power RP60Q-RUW Datasheet HTML 7Page - Recom International Power RP60Q-RUW Datasheet HTML 8Page - Recom International Power RP60Q-RUW Datasheet HTML 9Page - Recom International Power Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
www.recom-power.com
REV.: 0/2018
PB-5
DC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
RP60Q-RUW
Series
OUTPUT VOLTAGE TRIMMING
REGULATION
Parameter
Condition
Value
Output Accuracy
±1.0% max.
Line Regulation
low line to high line
±0.1% max.
Load Regulation
0% load to 100% load
0.1% max.
Transient Response
25% load step change
250µs typ.
Transient Response to Dynamic Load change from 100% to 75% to 100% of Full Load at nom. Vin
RP60Q-11005SRUW
Trim Down all Vout‘s
Trim down
1
2
3
4
5
6
7
8
9
10
[%]
R
down (E96) ≈
499k
243k
162k
118k
90k9
75k
63k4
53k6
46k4
41k2
[
W]
Trim down
11
12
13
14
15
16
17
18
19
20
[%]
R
down (E96) ≈
36k5
32k4
28k7
26k1
23k7
21k5
19k6
18k2
16k5
15k4
[
W]
RP60Q-xx24SRW
RP60Q-xx48SRW
Trim up
1
2
3
4
5
6
7
8
9
10
[%]
Vout
set =
24.24
24.48
24.72
24.96
25.20
25.44
25.68
25.92
26.16
26.40
[VDC]
R
up (E96) ≈
9M53
4M7
3M24
2M94
2M
1M69
1M47
1M27
1M15
1M05
[
W]
Trim up
1
2
3
4
5
6
7
8
9
10
[%]
Vout
set =
48.48
48.96
49.44
49.92
50.40
50.88
51.36
51.84
52.32
52.80
[VDC]
R
up (E96) ≈
19M6
9M94
6M65
5M11
4M12
3M4
3M01
2M61
2M37
2M15
[
W]
REMOTE SENSE
+V
out
+V
in
-V
in
-V
out
(GND)
+Sense
RW
1
RW
2
R
up
R
down
-Sense
Trim
RW
1 ... wire losses +
RW
2 ... wire losses -
R
up
... trim up resistor
R
down... trim down resistor
The output voltage can be adjusted by both trim and remote sense. The
maximum combined adjustment range is ±10%. Derate the maximum
output power if using the trim or sense function to increase the output
voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com