Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RP60Q-RUW Datasheet(PDF) 2 Page - Recom International Power

Part # RP60Q-RUW
Description  60 Watt Quarter Brick Single Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP60Q-RUW Datasheet(HTML) 2 Page - Recom International Power

  RP60Q-RUW Datasheet HTML 1Page - Recom International Power RP60Q-RUW Datasheet HTML 2Page - Recom International Power RP60Q-RUW Datasheet HTML 3Page - Recom International Power RP60Q-RUW Datasheet HTML 4Page - Recom International Power RP60Q-RUW Datasheet HTML 5Page - Recom International Power RP60Q-RUW Datasheet HTML 6Page - Recom International Power RP60Q-RUW Datasheet HTML 7Page - Recom International Power RP60Q-RUW Datasheet HTML 8Page - Recom International Power RP60Q-RUW Datasheet HTML 9Page - Recom International Power Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.recom-power.com
REV.: 0/2018
PB-2
DC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
RP60Q-RUW
Series
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Internal Input Filter
Pi-Type
Input Voltage Range
16VDC
110VDC
160VDC
Input Surge Voltage
< 1s
nom. Vin = 110VDC
185VDC
Under Voltage Lockout (ULVO)
nom. Vin = 110VDC
DC-DC ON
DC-DC OFF
10VDC
11VDC
14VDC
12VDC
Input Current Range
Vin = 16VDC
Vin = 110VDC
Vin = 160VDC
4.2A
0.6A
0.45A
5.2A
Quiescent Current
nom. Vin = 110VDC
10mA
Output Voltage Trimming
-20%
+10%
Minimum Load
0%
Start-up Time
constant resistive load
75ms
100ms
Rise Time
40ms
ON/OFF Control (5)
Positive Logic
DC-DC ON
DC-DC OFF
Open or 3 < V
CTRL < 12VDC
Short or 0 < V
CTRL < 1.2VDC
Negative Logic
DC-DC ON
DC-DC OFF
Short or 0 < V
CTRL < 1.2VDC
Open or 3 < V
CTRL < 12VDC
Input Current of CTRL pin
-0.5mA
1mA
Standby Current
DC-DC OFF
4mA
Internal Operating Frequency
180kHz
Output Ripple and Noise (6)
measured at 20MHz BW
5Vout
12, 15Vout
24Vout
48Vout
75mVp-p
100mVp-p
200mVp-p
300mVp-p
Remote Sense (7)
10%
continued on next page
Notes:
Note5: The ON/OFF control function can be positive or negative logic. The pin voltage is referenced to -Vin pin
Note6: Measurements are made for 5Vout with a 1µF/25V X7R MLCC and a 22µF/25V E-Cap; for 15Vout
with a 22µF/25V X7R MLCC, for 24Vout with a 4.7µF/50V X7R MLCC and for 48Vout with a 2.2µF/100V X7R MLCC
Note7: Refer to page PB-5 Remote Sense. If not used connect Remote Sense pins to corresponding output pins
RP60Q-11005SRW
Efficiency vs. Input Voltage
Efficiency vs. Output Load
0
10
20
30
40
50
60
70
80
90
100
100
80
60
40
90
70
50
30
20
10
0
Output Load [%]
24Vin
36Vin
48Vin
72Vin
110Vin
16
30
55
70
85
100
115
130
145
160
100
80
60
40
90
70
50
30
20
10
0
Input Voltage [VDC]
100% load
50% load
25% load



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com