Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DVRFD615X2 Datasheet(PDF) 1 Page - IXYS Corporation

Part # DVRFD615X2
Description  Development Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DVRFD615X2 Datasheet(HTML) 1 Page - IXYS Corporation

  DVRFD615X2 Datasheet HTML 1Page - IXYS Corporation DVRFD615X2 Datasheet HTML 2Page - IXYS Corporation DVRFD615X2 Datasheet HTML 3Page - IXYS Corporation DVRFD615X2 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DVRFD615X2 Development Board
General Description
The DVRFD615X2 development board is a general-
purpose circuit board designed to simplify the evalu-
ation of the IXRFD615X2 gate driver and provide a
building block for power circuit development. The
IXRFD615X2 gate driver is factory installed on the
evaluation board and is fully tested. The
DVRFD615X2 150/275 configuration enables the
user to drive DE150- or DE275-sized MOSFETs
with their lower drive requirements. The board de-
sign allows both the driver and MOSFETs to be at-
tached to a heat sink, and in doing so allows the
board assembly to be used as a ground-referenced,
low-side power switch.
Figure 1 shows the top of the DVRFD615X2
150/275 circuit board. The low-level input SMB con-
nectors and their associated test points, as well as
Vcc and ground test points, appear on the left. The
Vcc test point provides power to the IXRFD615X2.
The suggested value for Vcc is 12 V.
Figure 2 shows the bottom of the board. In the high-
power configuration the exposed metallized bottom
of the driver is shown. It can be placed in compres-
sion against a heat sink or cold plate facilitating the
very high power dissipation capabilities of the pack-
age.
Mounting Orientation
As supplied from the factory, the IXRFD615X2 is
mounted in the high-power configuration with the
metallized substrate tab exposed (Figure 2). Mount-
ing holes on either side of the driver and the
MOSFETs allow the board to be screwed to a heat
sink, clamping the devices to the heat sink and uti-
lizing the high-power dissipation capabilities of the
device package. A thin coating of thermal compound
on the exposed substrate is recommended to pro-
vide a better thermal interface between the device
and heat sink.
Figure 3 depicts the high-power configuration in a
end view with the device sandwiched between the
printed circuit board and heat sink. When using the
circuit board to apply compressive force to the de-
vice, care must be taken not to overtighten any
mounting screws that could cause the board to flex.
Figure 1– DVRFD615X2 150/275 Top Side
Figure 2– DVRFD615X2 150/275 Bottom Side
Figure 3– View of IXRFD615X2 mounted in a high-
power configuration. For additional device installa-
tion instructions see technical note “DE–Series
MOSFET Mounting & Installation Instructions” avail-
able on the IXYSRF website, www.ixyscolorado.com


Similar Part No. - DVRFD615X2

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DVR MICROCHIP-DVR Datasheet
3Mb / 416P
16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
2016-2018
DVR10 MICROCHIP-DVR10 Datasheet
3Mb / 416P
16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
2016-2018
DVR11 MICROCHIP-DVR11 Datasheet
3Mb / 416P
16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
2016-2018
logo
Diodes Incorporated
DVR1V8W DIODES-DVR1V8W Datasheet
97Kb / 5P
COMPLEX ARRAY FOR VOLTAGE REGULATORS
DS30578 Rev. 4 - 2
DVR1V8W DIODES-DVR1V8W Datasheet
146Kb / 5P
COMPLEX ARRAY FOR VOLTAGE REGULATORS
DS30578 Rev. 5 - 2
More results

Similar Description - DVRFD615X2

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2S180 ALTERA-EP2S180 Datasheet
547Kb / 58P
DSP Development Board
logo
Advantech Co., Ltd.
SOM-DB4400 ADVANTECH-SOM-DB4400 Datasheet
323Kb / 1P
ETX Development Board SOM-144 Development Board
SOM-DB3500 ADVANTECH-SOM-DB3500 Datasheet
1Mb / 2P
Qseven Development Board
SOM-DB3500 ADVANTECH-SOM-DB3500_13 Datasheet
401Kb / 2P
Qseven Development Board
logo
ATMEL Corporation
ATSAM4S-EK ATMEL-ATSAM4S-EK Datasheet
2Mb / 49P
Development Board
logo
Advantech Co., Ltd.
SOM-DB3500 ADVANTECH-SOM-DB3500_15 Datasheet
408Kb / 2P
Qseven Development Board
SOM-DB3520 ADVANTECH-SOM-DB3520 Datasheet
433Kb / 2P
Qseven Development Board
logo
Microchip Technology
TB3094 MICROCHIP-TB3094 Datasheet
698Kb / 10P
PIC18F67J94 Development Board
11/29/12
logo
NXP Semiconductors
OM13070 NXP-OM13070 Datasheet
351Kb / 3P
LPCXpresso4337 Development Board
Rev.1.0-19th January2015
OM13073 NXP-OM13073 Datasheet
318Kb / 2P
LPCXpresso43S37 Development Board
Rev. 1.1-February 6, 2015
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com