Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DVRFD615X2 Datasheet(PDF) 4 Page - IXYS Corporation

Part # DVRFD615X2
Description  Development Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DVRFD615X2 Datasheet(HTML) 4 Page - IXYS Corporation

  DVRFD615X2 Datasheet HTML 1Page - IXYS Corporation DVRFD615X2 Datasheet HTML 2Page - IXYS Corporation DVRFD615X2 Datasheet HTML 3Page - IXYS Corporation DVRFD615X2 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DVRFD615X2 Development Board
The values of bypass capacitors are closely related to circuit
performance and operation. Parasitic inductance is a charac-
teristic of any circuit board and high drive currents cause
high frequency ringing to occur at the corners of the rising or
falling edge of the output signal as a result of this inductance.
The value of this high frequency ringing is usually in the tens
of megahertz and so the spread of capacitance values is in
the tens of microfarads region. Each bypass capacitor is con-
sidered its own network with associated frequency response;
replacing the individual capacitors with an equivalent capaci-
tor of the total combined value does not have the same ef-
fect.
Circuit Operation
The inputs to the IXRFD615X2 have a positive going thresh-
old of approximately 3.25 V with a hysterisis of 0.2 V. The
typical input signal level range is 5 V up to Vcc.
Apply input signals to the SMB connectors with minimum
suggested amplitude of 5 V. If a SMB type connector and
cable are not available, it is possible to take a small coax,
unwind the outer conductor braid, twist it together, and solder
the center conductor to the input pin of the SMB connector
and the braid to the ground pins.
Apply a supply voltage to the circuit, positive to the Vcc test
point and ground to the GND test point. The suggested oper-
ating point is Vcc = 12 V.
Operation can now be observed by placing a scope probe on
the output of the driver. Figures 10 through 12 show typical
operation with no load attached to output of driver.
See the IXRFD615X2 datasheet for additional performance
data at www.ixyscolorado.com
Table 2– Ordering Information
Ordering Information
Part Number
Device Layout
DVRFD615X2 150/275 DE150 or DE275 series MOSFETs
© 2016 IXYS RF
An
IXYS Company
1609 Oakridge Dr., Suite 100
Fort Collins, CO USA 80525
970-493-1901 Fax: 970-232-3025
Email: sales@ixyscolorado.com
Web: http://www.ixyscolorado.com
Figure 10– 1MHz output signal
Figure 11– Rising edge of output signal
Figure 12– Falling edge of output signal



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com