Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DVRFD615X2 Datasheet(PDF) 3 Page - IXYS Corporation

Part # DVRFD615X2
Description  Development Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DVRFD615X2 Datasheet(HTML) 3 Page - IXYS Corporation

  DVRFD615X2 Datasheet HTML 1Page - IXYS Corporation DVRFD615X2 Datasheet HTML 2Page - IXYS Corporation DVRFD615X2 Datasheet HTML 3Page - IXYS Corporation DVRFD615X2 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DVRFD615X2 Development Board
The SMB connectors are used to supply input signals. Test
points are straight forward, Vcc supply voltage, IN1 and IN2 input
signals, GND ground for entire board. It is suggested to operate
the board at 12 V for general testing.
R1, R3 limits input signal current but is not mandatory for all driv-
er applications; it is more for general protection of the driver. R2,
R4 termination resistors matches the typical 50 Ω output imped-
ance of most bench top signal generators. The input of the gate
driver can operate without R1, R3 and R2, R4, where R2 and R4
can be removed, if desired, in the case that the input signal gen-
erator can’t support the loading. In most cases the output level of
the signal generator will have to be increased in order to com-
pensate for the input termination load.
Bulk storage capacitors C7, C8, C9, C10 provide energy storage
local to the driver. During switching of the output stage of the
driver, parasitic inductance of any wire and trace between the
power supply and driver can inhibit fast delivery of energy to the
driver. This will result in a voltage drop along the inductance and
will cause the voltage at the Vcc pins to sag. To counter this,
large valued bulk storage capacitors are placed as close to the
Vcc pins of the driver to supply energy right at the driver pins.
Tantalum capacitors are used and suggested for use as they can
release their stored energy very quickly into the Vcc pins. Alumi-
num electrolytic capacitors are not used or recommended for
bulk storage capacitors due to their high values of ESR, or Equiv-
alent Series Resistance, that slows energy delivery.
.
Figure 5– Sag in supply voltage at Vcc pins due to high
series resistance from bulk storage capacitors
The network of bypass capacitors are made up of C1-C6,
C11-C16 and includes a wide spread of values, 0.001 μF,
0.01 μF, and 0.1 μF. The purpose of the capacitance
spread is to produce over-lapping response curves that
lower the insertion impedance over a wider band. The by-
pass capacitors can be viewed as low pass filters, but the
generally ignored series inductance causes a notch or V-
shaped response in the impedance curve as frequency
goes up. Figures 12-16 represent the progression of a sin-
gle ideal capacitor response to the parallel combination of
multiple capacitor networks.
Figure 6– Ideal capacitor frequency response
Figure 7– Capacitor frequency response due to
self inductance
Figure 8– Over-lapping impedance curves
Figure 9– Broadband impedance lowered



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com