Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXRFD615 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXRFD615
Description  15 A Low-Side RF MOSFET Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXRFD615 Datasheet(HTML) 1 Page - IXYS Corporation

  IXRFD615 Datasheet HTML 1Page - IXYS Corporation IXRFD615 Datasheet HTML 2Page - IXYS Corporation IXRFD615 Datasheet HTML 3Page - IXYS Corporation IXRFD615 Datasheet HTML 4Page - IXYS Corporation IXRFD615 Datasheet HTML 5Page - IXYS Corporation IXRFD615 Datasheet HTML 6Page - IXYS Corporation IXRFD615 Datasheet HTML 7Page - IXYS Corporation IXRFD615 Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
15 A Low-Side RF MOSFET Driver
IXRFD615
1
Features
High Peak Output Current
Low Output Impedance
Low Quiescent Supply Current
Low Propagation Delay
High Capacitive Load Drive Capability
Wide Operating Voltage Range
Applications
RF MOSFET Driver
Class D and E RF Generators
Multi-MHz Switch Mode Supplies
Pulse Transformer Driver
Pulse Laser Diode Driver
Pulse Generator
Description
The IXRFD615 is a CMOS high
-speed, high-current gate driver
specifically designed to drive
MOSFETs in Class D and E HF
RF applications as well as other
applications requiring ultrafast
rise and fall times or short mini-
mum pulse widths. The
IXRFD615 can source and sink 15 A of peak current
while producing voltage rise and fall times of less than
5 ns and minimum pulse widths of 8 ns. The input of
the driver is compatible with TTL or CMOS and is fully
immune to latch up over the entire operating range.
Designed with small internal delays, cross conduction
or current shoot-through is virtually eliminated. The
features and wide safety margin in operating voltage
and power make the IXRFD615 unmatched in perfor-
mance and value.
The surface mount IXRFD615 is packaged in a low-
inductance RF package incorporating advanced layout
techniques to minimize stray lead inductances for opti-
mum switching performance.
Fig. 1- Block Diagram and Truth Table
IN
OUT
0
0
1
1


Similar Part No. - IXRFD615

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXRFD615X2 IXYS-IXRFD615X2 Datasheet
708Kb / 8P
15 A Dual Low-Side RF MOSFET Driver
More results

Similar Description - IXRFD615

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDD415 IXYS-IXDD415 Datasheet
161Kb / 8P
Dual 15 Ampere Low-Side Ultrafast MOSFET Driver
DEIC420 IXYS-DEIC420 Datasheet
156Kb / 7P
20 Ampere Low-Side Ultrafast RF MOSFET Driver
logo
Micrel Semiconductor
MIC4416 MICREL-MIC4416_05 Datasheet
121Kb / 10P
IttyBitty??Low-Side MOSFET Driver
logo
STMicroelectronics
PM8834 STMICROELECTRONICS-PM8834 Datasheet
330Kb / 18P
4 A dual low side MOSFET driver
13-Oct-2008
logo
IXYS Corporation
DEIC515 IXYS-DEIC515 Datasheet
188Kb / 9P
15 Ampere Low-Side Ultrafast RF MOSFET Driver
IXRFD615X2 IXYS-IXRFD615X2 Datasheet
708Kb / 8P
15 A Dual Low-Side RF MOSFET Driver
IXRFD630 IXYS-IXRFD630 Datasheet
255Kb / 8P
30 A Low-Side RF MOSFET Driver
IXRFD631 IXYS-IXRFD631 Datasheet
209Kb / 8P
30 A Low-Side RF MOSFET Driver
IXRFDSM607X2 IXYS-IXRFDSM607X2 Datasheet
1Mb / 10P
15 A Low-Side RF MOSFET Driver
logo
STMicroelectronics
RHRPM4424 STMICROELECTRONICS-RHRPM4424 Datasheet
1Mb / 31P
Rad-hard 4.5 A dual low-side MOSFET driver
07-Feb-2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com