Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXRFD615 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXRFD615
Description  15 A Low-Side RF MOSFET Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXRFD615 Datasheet(HTML) 2 Page - IXYS Corporation

  IXRFD615 Datasheet HTML 1Page - IXYS Corporation IXRFD615 Datasheet HTML 2Page - IXYS Corporation IXRFD615 Datasheet HTML 3Page - IXYS Corporation IXRFD615 Datasheet HTML 4Page - IXYS Corporation IXRFD615 Datasheet HTML 5Page - IXYS Corporation IXRFD615 Datasheet HTML 6Page - IXYS Corporation IXRFD615 Datasheet HTML 7Page - IXYS Corporation IXRFD615 Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
15 A Low-Side RF MOSFET Driver
IXRFD615
2
Absolute Maximum Ratings
Electrical Characteristics
Unless otherwise noted, TA = 25° C, 8V < VCC < 30V.
All voltage measurements with respect to GND. IXRFD615 configured as described in Test Conditions.
Symbol
Parameter
Test Conditions
Typ
Max
Units
Min
VIH
High input voltage
8V ≤ VCC ≤ 18V
V
3.5
VIL
Low input voltage
8V ≤ VCC ≤ 18V
0.8
V
VHYS
Input hysteresis
0.25
V
VIN
Input voltage range
VCC + 0.3
V
-5
IIN
Input current
0V≤ VIN ≤VCC
10
µA
-10
VOH
High output voltage
V
VCC - 0.025
VOL
Low output voltage
0.025
V
ROH
High output resistance
VCC = 15V IOUT = 100mA
0.42
Ω
ROL
Low output resistance
VCC = 15V IOUT = 100mA
0.22
Ω
IPEAK
Peak output current
VCC = 15V
15
A
IDC
Continuous output current
Limited by package power dissipation
2.5
A
tR
Rise time
VCC=15V CL=1nF
CL=2nF
4
5
ns
ns
tF
Fall time
VCC =15V CL=1nF
CL=2nF
4
5.5
ns
ns
tONDLY
ON propagation delay
VCC =15V CL=2nF
25
ns
tOFFDLY
OFF propagation delay
VCC =15V CL=2nF
22
ns
PWmin
Minimum pulse width
FWHM VCC =15V CL=1nF
8
ns
VCC
Power supply voltage
Recommended
8
15
18
V
ICC
Power supply current
VCC = 15V, VIN = 0V
VCC = 15V, VIN = 3.5V
VCC = 15V, VIN = VCC
0.4
3.8
0.4
1
5
1
mA
mA
mA
Parameter
Value
Supply Voltage VCC
30V
Input Voltage Level VIN
-5V to VCC + 0.3V
All Other Pins
-0.3V to VCC +0.3V
Power Dissipation
TA (AMBIENT) ≤ 25C
TC (CASE) ≤ 25C
2W
100W Note: 1
Storage Temperature
-40°C to 150°C
Soldering Lead Temperature
(10 seconds maximum)
300°C
Note: Operating the device outside of the “Absolute Maximum Rat-
ings” may cause permanent damage. Typical values indicate conditions
for which the device is intended to be functional but do not guarantee
specific performance limits. The guaranteed specifications apply only for
the test conditions listed. Exposure to absolute maximum conditions for
extended periods may impact device reliability.
Note: 1- Limited by high frequency performance, not package dissipa-
tion.
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD procedures when handling and
assembling.
All specifications are subject to change at any time without notice.
Parameter
Value
Maximum Junction Temperature
150°C
Operating Temperature Range
-40°C to 85° C
Thermal Impedance (Junction to Case) RӨJC
0.25° C/W
Moisture Sensitivity Level (MSL)
1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com