Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXRFD615 Datasheet(PDF) 6 Page - IXYS Corporation

Part # IXRFD615
Description  15 A Low-Side RF MOSFET Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXRFD615 Datasheet(HTML) 6 Page - IXYS Corporation

  IXRFD615 Datasheet HTML 1Page - IXYS Corporation IXRFD615 Datasheet HTML 2Page - IXYS Corporation IXRFD615 Datasheet HTML 3Page - IXYS Corporation IXRFD615 Datasheet HTML 4Page - IXYS Corporation IXRFD615 Datasheet HTML 5Page - IXYS Corporation IXRFD615 Datasheet HTML 6Page - IXYS Corporation IXRFD615 Datasheet HTML 7Page - IXYS Corporation IXRFD615 Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
15 A Low-Side RF MOSFET Driver
IXRFD615
6
Symbol
Function
Description
VCC
Supply Voltage
Positive power supply voltage input. These leads provide power to
the entire device.
IN
Input
Input signal-TTL or CMOS compatible.
OUT
Output
Device Output. For application purposes, this lead is connected
directly to the Gate of a MOSFET
GND
Power Ground
System ground leads. Internally connected to all circuitry, these
leads provide ground reference for the entire device and
should be connected to a low noise analog ground plane for
optimum performance.
Fig. 20 Pin Description
Fig. 21 Test Circuit Diagram
Fig. 22 Timing Diagram
IXRFD615



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com