Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9858TLPCB Datasheet(PDF) 13 Page - Analog Devices

Part # AD9858TLPCB
Description  1 GSPS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9858TLPCB Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9858TLPCB Datasheet HTML 9Page - Analog Devices AD9858TLPCB Datasheet HTML 10Page - Analog Devices AD9858TLPCB Datasheet HTML 11Page - Analog Devices AD9858TLPCB Datasheet HTML 12Page - Analog Devices AD9858TLPCB Datasheet HTML 13Page - Analog Devices AD9858TLPCB Datasheet HTML 14Page - Analog Devices AD9858TLPCB Datasheet HTML 15Page - Analog Devices AD9858TLPCB Datasheet HTML 16Page - Analog Devices AD9858TLPCB Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
AD9858
Rev. A | Page 13 of 32
–10
0
–20
–30
–40
–50
–60
–70
–80
–90
–100
CENTER 1.55GHz
15MHz/
SPAN 150MHz
5kHz
5kHz
15s
RF ATT
UNIT
10dB
dBm
A
1AP
∗
REF LVL
0dBm
RBW
VBW
SWT
DELTA 1 [T1]
0.0dB
0.00000000Hz
1
Figure 21. Fractional Divider Loop SFDR, FIN = 96.9 MHz,
FOUT = 1550 MHz, BW = 150 MHz
–10
0
–20
–30
–40
–50
–60
–70
–80
–90
–100
CENTER 1.55GHz
150kHz/
SPAN 1.5MHz
1kHz
500kHz
7.6s
RF ATT
UNIT
10dB
dBm
A
1AP
REF LVL
0dBm
RBW
VBW
SWT
DELTA 1 [T1]
–81.10dB
57.11422845kHz
1
Figure 22. Translation Loop SFDR, FLO = 1459 MHz,
FOUT = 1550 MHz, BW = 1.5 MHz
∗
–10
0
–20
–30
–40
–50
–60
–70
–80
–90
–100
CENTER 1.55GHz
15MHz/
SPAN 150MHz
10kHz
500Hz
75s
RF ATT
UNIT
10dB
dBm
A
1AP
REF LVL
0dBm
RBW
VBW
SWT
DELTA 1 [T1]
–96.36dB
–42.98597194MHz
1
1
Figure 23. Translation Loop SFDR, FLO = 1459 MHz,
FOUT = 1550 MHz, BW = 150 MHz
–10
0
–20
–30
–40
–50
–60
–70
–80
–90
–100
CENTER 1.55GHz
15MHz/
SPAN 150MHz
5kHz
5kHz
15s
RF ATT
UNIT
10dB
dBm
A
1AP
REF LVL
0dBm
RBW
VBW
SWT
DELTA 1 [T1]
–64.55dB
–1.20240481MHz
1
1
Figure 24. Fractional Divider Loop SFDR, FIN = 97.3 MHz,
FOUT = 1550 MHz, BW = 150 MHz
–10
0
–20
–30
–40
–50
–60
–70
–80
–90
–100
CENTER 1.55GHz
150kHz/
SPAN 1.5MHz
1kHz
500Hz
7.6s
RF ATT
UNIT
10dB
dBm
A
1AP
REF LVL
0dBm
RBW
VBW
SWT
DELTA 1 [T1]
–60.67dB
–57.11422846kHz
1
1
Figure 25. Translation Loop SFDR, FLO = 1410 MHz,
FOUT = 1550 MHz, BW = 1.5 MHz
–10
0
–20
–30
–40
–50
–60
–70
–80
–90
–100
CENTER 1.55GHz
15MHz/
SPAN 150MHz
5kHz
5kHz
15s
RF ATT
UNIT
10dB
dBm
A
1AP
REF LVL
0dBm
RBW
VBW
SWT
DELTA 1 [T1]
–64.55dB
–1.20240481MHz
1
1
Figure 26. Translation Loop SFDR, FLO = 1410 MHz,
FOUT = 1550 MHz, BW = 150 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com