Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9858TLPCB Datasheet(PDF) 21 Page - Analog Devices

Part # AD9858TLPCB
Description  1 GSPS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9858TLPCB Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9858TLPCB Datasheet HTML 17Page - Analog Devices AD9858TLPCB Datasheet HTML 18Page - Analog Devices AD9858TLPCB Datasheet HTML 19Page - Analog Devices AD9858TLPCB Datasheet HTML 20Page - Analog Devices AD9858TLPCB Datasheet HTML 21Page - Analog Devices AD9858TLPCB Datasheet HTML 22Page - Analog Devices AD9858TLPCB Datasheet HTML 23Page - Analog Devices AD9858TLPCB Datasheet HTML 24Page - Analog Devices AD9858TLPCB Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
AD9858
Rev. A | Page 21 of 32
Frequency Planning
To achieve the best possible spurious performance when using
the AD9858 in a hybrid synthesizer configuration, frequency
planning can be employed. Frequency planning consists of
being aware of the mechanisms that determine the location of
the worst-case spurs and then using the appropriate loop tuning
parameters to place these spurs either outside the loop
bandwidth, such that they are attenuated, or completely outside
the frequency range of interest.
When using the fractional divider configuration, the worst-case
spurs occur whenever the images of the DAC harmonics fold
back such that they are close to the DAC fundamental or carrier
frequency. If these images fall within the loop bandwidth, they
will be gained up by approximately 20 × log N, where N is the
gain in the loop. If N is relatively high, these spurs can still
realize significant gain even if they are slightly outside the loop
bandwidth, since the loop attenuation rate is typically
20 dB/decade in this region. DAC images occur at
N × FCLOCK ± M × FOUT
where N and M are integer multiples of FCLOCK and FOUT,
respectively.
Figure 20 shows a high spurious condition where the low-order
odd harmonics are folding back around the fundamental.
Figure 21 shows that the worst spurs are confined to a narrow
region around the carrier and that wideband spurs are
attenuated. Figure 17 shows an alternate frequency plan that
results in the same carrier frequency. Recall that the output
frequency of the DAC is set by the equation
(FOUT = FCLOCK × FTW/2N)
This makes it possible to produce the same FOUT by different
combinations of FCLOCK and FTW. In this case, the worst DAC
spurs are placed well outside the loop bandwidth such that they
are attenuated below the noise floor. Figure 24 shows a
wideband plot for this frequency plan.
Other frequency combinations that can result in high spurious
signals are when subharmonics of FCLOCK fall within or near the
loop bandwidth. To avoid this, ensure that the DAC FOUT is
sufficiently offset from the subharmonics of FCLOCK such that
these products are attenuated by the loop.
Frequency planning for the translation loop is similar in that
the DAC images and the FCLOCK subharmonics need to be
considered. Figure 25 and Figure 26 show results for a high
spurious configuration where odd order images are folding back
close to the carrier. Figure 22 and Figure 23 show an alternative
frequency plan that generates the same carrier frequency with
low spurious content. Because this loop also requires a mixer
LO frequency, additional care is required in planning for this
frequency arrangement. Generally there is some mixer LO
feedthrough. The amount of feedthrough depends on the PCB
board layout isolation as well as the mixer LO power level, but
levels of –80 dBc can typically be achieved. Figure 26 shows
results for a situation where the mixer LO component shows up
in the spectrum at 1.41 GHz, and another spur component
shows up at Mixer LO + FCLOCK/8. This places the mixer LO
frequency well outside the bandwidth of interest, resulting in
the spectrum shown in Figure 25.
PROGRAMMING THE AD9858
The transfer of data from the user to the DDS core of the device
is a 2-step process. In a write operation, the user first writes the
data to the I/O buffer using either the parallel port (which
includes bits for address and data) or serial mode (where the
address and data are combined in a serial word). Regardless of
the method used to enter data to the I/O buffer, the DDS core
cannot access the data until the data is latched into the memory
registers from the I/O buffer. Toggling the FUD pin or changing
one of the profile select pins causes an update of all elements of
the I/O buffer memory into the DDS core’s register memory.
I/O Port Functionality
The I/O port can be operated in either serial or parallel
programming mode. Mode selection is accomplished via the
S/P Select pin. Logic 0 on this pin configures the I/O port for
serial programming, while Logic 1 configures the I/O port for
parallel programming.
The ability to read back the contents of a register is provided in
both modes to facilitate the debug process during the user’s
prototyping phase of a design. In either mode, however, the
reading back of profile registers requires that the profile select
pins (P0, P1) be configured to select the desired register bank.
When reading a register that resides in one of the profiles, the
register address acts as an offset to select one of the registers
among the group of registers defined by the profile. The profile
select pins control the base address of the register bank and
select the appropriate register grouping.
Parallel Programming Mode
In parallel programming mode, the I/O port makes use of eight
bidirectional data pins (D7 to D0), six address input pins (ADDR5
to ADDR0), a read input pin (RD), and a write input pin (WR).A
register is selected by providing the proper address combination as
defined in the register map. Read or write functionality is invoked
by pulsing the appropriate pin (RD or WR); the two operations are
mutually exclusive. The read or write data is transported on the D7
to D0 pins. The correlation between the D7 to D0 data bits and
their functionality at a specific register address is detailed in the
register map and register bit description.
Parallel I/O operation allows write access to each byte of any
register in the I/O buffer memory in a single I/O operation at a 100
MHz rate. However, unlike write operation, readback capability is
not guaranteed at the 100 MHz rate. It is intended as a low speed
function for debug purposes. Timing for both write and read cycles
is depicted in Figure 35 and Figure 36.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com